Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6906
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 17Page - Analog Devices LTC6906 Datasheet HTML 18Page - Analog Devices LTC6906 Datasheet HTML 19Page - Analog Devices LTC6906 Datasheet HTML 20Page - Analog Devices LTC6906 Datasheet HTML 21Page - Analog Devices LTC6906 Datasheet HTML 22Page - Analog Devices LTC6906 Datasheet HTML 23Page - Analog Devices LTC6906 Datasheet HTML 24Page - Analog Devices LTC6906 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
21
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
a large RSET resistor. POL = 0 and NDIV = 4 requires
DIVCODE = 1. Using Table 1, choose the R1 and R2 values
to program DIVCODE = 1.
Step 4: Select RSET
Calculate the correct value for RSET using Equation (1b).
RSET =
1MHz • 50k
4 • 20kHz
= 625k
Since 625k is not available as a standard 1% resistor,
substitute 619k if a 0.97% frequency shift is acceptable.
Otherwise, select a parallel or series pair of resistors such
as 309k and 316k to attain a more precise resistance.
The completed design is shown in Figure 7.
6992 F07
LTC6992-4
MOD
GND
SET
OUT
V+
DIV
R1
976k
DIVCODE = 1
R2
102k
RSET
625k
VMOD
2.25V TO 5.5V
Figure 7. 20kHz PWM Oscillator
Figure 8. Duty Cycle Variation Due to ∆VSET
VMOD (V)
0
100
90
70
80
60
50
30
40
20
10
0
0.6
0.2
6992 F08
1
0.4
0.8
∆VSET = 0mV
∆VSET = 30mV
∆VSET = –30mV
Figure 9. Fixed-Frequency, Arbitrary Duty Cycle Oscillator
6992 F09
LTC6992-X
MOD
GND
SET
OUT
V+
DIV
R1
R2
RSET2
RSET1
2.25V TO 5.5V
D
=
5
4
•
RSET2
RSET1 +RSET2
−
1
8
Figure 8 demonstrates the worst-case impact of this varia-
tion (if VSET is at its 0.97V or 1.03V limits).
This error is in addition to the inherent PWM duty cycle
accuracy spec ∆D (±4.5%), so care should be taken if
accuracy at high duty cycles (VMOD near 0.9V) is critical.
Sensitivity to ∆VSET can be eliminated by making VMOD
proportional to VSET. For example, Figure 9 shows a
simple circuit for generating an arbitrary duty cycle. The
equation for duty cycle does not depend on VSET at all.
Duty Cycle Sensitivity to ∆VSET
The output duty cycle is proportional to the ratio of VMOD/
VSET. Since VSET can vary up to ±30mV from 1V it can
effectively gain or attenuate VMOD, as shown below when
∆VSET is added to the equation.
D =
VMOD
0.8 • VSET + ∆VSET
(
)
−
1
8
For many designs, the absolute VMOD to duty cycle accu-
racy is not critical. For others, making the simplifying
assumption of ∆VSET = 0V creates the potential for addi-
tional duty cycle error, which increases with VMOD, reach-
ing a maximum of 3.4% if ∆VSET = –30mV.
∆D ≅ −
VMOD
800mV
•
∆VSET
VSET
≅ − DIDEAL +
1
8
⎛
⎝
⎜
⎞
⎠
⎟ •
∆VSET
VSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com