Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2764YBHT Datasheet(PDF) 64 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 64 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 60Page - Texas Instruments TAS2764YBHT Datasheet HTML 61Page - Texas Instruments TAS2764YBHT Datasheet HTML 62Page - Texas Instruments TAS2764YBHT Datasheet HTML 63Page - Texas Instruments TAS2764YBHT Datasheet HTML 64Page - Texas Instruments TAS2764YBHT Datasheet HTML 65Page - Texas Instruments TAS2764YBHT Datasheet HTML 66Page - Texas Instruments TAS2764YBHT Datasheet HTML 67Page - Texas Instruments TAS2764YBHT Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-68. Interrupt Mask 4 Field Descriptions
Bit
Field
Type
Reset
Description
7
IM_PLL_CLK
RW
1h
Internal PLL Derived Clock Error Mask
0b = Don't Mask
1b = Mask
6
Reserved
RW
1h
Reserved
5
IM_VBAT1S_UVLO
RW
0h
VBAT1S Under Voltage
0b = Don't Mask
1b = Mask
4-0
Reserved
RW
1Fh
Reserved
8.9.67 INT_MASK2 (page=0x00 address=0x40) [reset=F6h]
Interrupt masks.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-69. Interrupt Mask 2- Interrupt masks. Field Descriptions
Bit
Field
Type
Reset
Description
7
IM_TO105
RW
1h
Temperature over 105C interrupt.
0b = Don't Mask
1b = Mask
6
IM_TO115
RW
1h
Temperature over 115C interrupt.
0b = Don't Mask
1b = Mask
5
IM_TO125
RW
1h
Temperature over 125C interrupt.
0b = Don't Mask
1b = Mask
4
IM_TO135
RW
1h
Temperature over 135C interrupt.
0b = Don't Mask
1b = Mask
3
IM_LDO_UV
RW
0h
Internal VBAT1S LDO Under Voltage
0b = Don't Mask
1b = Mask
2
IM_LDO_OV
RW
1h
Internal VBAT1S LDO Over Voltage
0b = Don't Mask
1b = Mask
1
IM_LDO_OL
RW
1h
Internal VBAT1S LDO Over Load
0b = Don't Mask
1b = Mask
0
IM_PUVLO
RW
0h
PVDD UVLO interrupt.
0b = Don't Mask
1b = Mask
8.9.68 INT_MASK3 (page=0x00 address=0x41) [reset=00h]
Interrupt masks.
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-70. Interrupt Mask 3- Interrupt masks. Field Descriptions
Bit
Field
Type
Reset
Description
7
IM_TDTH2
RW
0h
Thermal Detection Threshold 2 mask
0b = Don't Mask
1b = Mask
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
64
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com