Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2764YBHT Datasheet(PDF) 90 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 90 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 86Page - Texas Instruments TAS2764YBHT Datasheet HTML 87Page - Texas Instruments TAS2764YBHT Datasheet HTML 88Page - Texas Instruments TAS2764YBHT Datasheet HTML 89Page - Texas Instruments TAS2764YBHT Datasheet HTML 90Page - Texas Instruments TAS2764YBHT Datasheet HTML 91Page - Texas Instruments TAS2764YBHT Datasheet HTML 92Page - Texas Instruments TAS2764YBHT Datasheet HTML 93Page - Texas Instruments TAS2764YBHT Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 107 page
background image
Table 9-1. Recommended External Components (continued)
COMPONENT
DESCRIPTION
SPECIFICATION
MIN
TYP
MAX
UNIT
C4
PVDD Decoupling Capacitor
Type
X7R
Capacitance, 20% Tolerance
100
nF
Rated Voltage
20
V
C5
AVDD Decoupling Capacitor
Type
X7R
Capacitance, 20% Tolerance
4.7
µF
Rated Voltage
6
V
C6
DREG Decoupling Capacitor
Type
X7R
Capacitance, 20% Tolerance
0.68
1
1.5
µF
Rated Voltage
6
V
C7
IOVDD Decoupling Capacitor
Type
X7R
Capacitance, 20% Tolerance
1
µF
Rated Voltage
6
V
C8, C9
High-side Boost Capacitors
Type
X7R
Capacitance, 20% Tolerance
68
100
120
nF
Rated Voltage
6
V
Lf1, Lf2
EMI Filter Inductors (optional). These are
not recommended as it degrades THD+N
performance. The TAS2764 device is a
filter-less Class-D and does not require
these bead inductors.
Impedance at 100MHz
120
Ω
DC Resistance
0.095
Ω
DC Current
5
A
Cf1, Cf2
EMI Filter Capacitors (optional, must use
Lf2, Lf3 if Cf1, Cf2 used)
Capacitance
1
nF
9.3 Design Requirements
For this design example, use the parameters shown in Section 9.2.
Table 9-2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Audio Input
Digital Audio, I2S
Current and Voltage Data Stream
Digital Audio, I2S
Mono or Stereo Configuration
Mono
Max Output Power at 1% THD+N,
over temperature and frequency
range
⋝10.5 W
9.4 Detailed Design Procedure
9.4.1 Mono/Stereo Configuration
In this application, the device is assumed to be operating in mono mode. See Section 8.3.1 for information on
changing the I2C address of the TAS2764 to support stereo operation. Mono or stereo configuration does not
impact the device performance.
9.4.2 EMI Passive Devices
The TAS2764 supports spread spectrum to minimize EMI. It is allowed to include passive devices on the Class-
D outputs. The passive devices Lf1, Lf2, Cf1 and Cf2 from Figure 9-1 have recommended specifications
provided in Table 9-1. The passive devices Lf1, Lf2, Cf1 and Cf2 have to be properly selected to maintain the
stability of the output stage. See Section 8.4.5 for details.
9.5 Application Curves
To be attached.
TAS2764
SLOS998 – DECEMBER 2020
www.ti.com
90
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com