Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2764YBHT Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS2764YBHT
Description  TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2764YBHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS2764YBHT Datasheet HTML 17Page - Texas Instruments TAS2764YBHT Datasheet HTML 18Page - Texas Instruments TAS2764YBHT Datasheet HTML 19Page - Texas Instruments TAS2764YBHT Datasheet HTML 20Page - Texas Instruments TAS2764YBHT Datasheet HTML 21Page - Texas Instruments TAS2764YBHT Datasheet HTML 22Page - Texas Instruments TAS2764YBHT Datasheet HTML 23Page - Texas Instruments TAS2764YBHT Datasheet HTML 24Page - Texas Instruments TAS2764YBHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
default to 0 dB. It should be noted that these levels may not be achievable because of analog clipping in the
amplifier, so they should be used to convey gain only.
Equation 1 below calculates amplifier output voltage:
VAMP= INPUT+ADVC+AAMP
(1)
where
• VAMP is the amplifier output voltage in dBV
• INPUT is the digital input amplitude as a number of dB with respect to 0 dBFS
• ADVC is the digital volume control setting as a number of dB
• AAMP is the amplifier output level setting as a number of dBV
The digital volume control (DVC) is configurable from 0 dB to -100 dB in 0.5 dB steps by setting the
DVC_LVL[7:0] register bits. Settings greater than C8h are interpreted as mute. When a change in digital volume
control occurs, the device ramps the volume to the new setting based on the DVC_RAMP_RATE[1:0] register
bits status. If DVC_RAMP_RATE[1:0] bits are set to 2'b11 the volume ramping is disabled. This setting can be
used to speed up startup, shutdown and digital volume changes when volume ramping is handled by the system
master.
The Class-D amplifier uses a closed-loop architecture, so the gain does not depend on power supply. The
approximate threshold for the onset of analog clipping is calculated in Equation 2.
(2)
where
• VPK is the maximum peak un-clipped output voltage in V
• VSUP is the power supply of class-D output stage
• RL is the speaker load in Ω
• RP is the parasitic resistance on PCB (routing, filters) in Ω
• RFET is the power stage total resistance (HS FET, LS FET, Sense Resistor, bonding, packaging) in Ω
When VBAT1S supplies class-D output stage typical RFET value is 1 Ω. For PVDD supply RFET typical value is
0.5 Ω.
8.4.2.3.1 Safe Mode
The safe mode is a single bit that will enable 18 dB attenuation in the forward path. It is similar to setting the
DVC_LVL[7:0] register bits to a setting of 24h (-18dB). When the SMODE_EN bit is set to high, the
DVC_LVL[7:0] register bits will be ignored and volume ramping disabled.
8.4.2.4 VBAT1S Supply
The TAS2764 can operate with or without a VBAT1S supply. When configured without a VBAT1S supply, the
PVDD voltage will be used with an internal LDO to generate this supply voltage. A decoupling capacitor should
still be populated as recommended in Table 9-1. In this case, VBAT1S_MODE bit should be set to high before
transitioning from software shutdown. More details about VBAT1S supply modes of operation can be found in
Section 12.1.
8.4.2.5 Low Voltage Signaling (LVS)
The TAS2764 monitors the absolute value of the audio stream.
www.ti.com
TAS2764
SLOS998 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS2764



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com