Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404816FS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 5Page - Renesas Technology Corp HD404816FS Datasheet HTML 6Page - Renesas Technology Corp HD404816FS Datasheet HTML 7Page - Renesas Technology Corp HD404816FS Datasheet HTML 8Page - Renesas Technology Corp HD404816FS Datasheet HTML 9Page - Renesas Technology Corp HD404816FS Datasheet HTML 10Page - Renesas Technology Corp HD404816FS Datasheet HTML 11Page - Renesas Technology Corp HD404816FS Datasheet HTML 12Page - Renesas Technology Corp HD404816FS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
HD404818 Series
7
Pin Functions
Power Supply
V
CC: Apply the VCC power supply voltage to this pin.
GND: Connect to ground.
TEST: For test purposes only. Connect it to V
CC.
RESET: MCU reset pin. Refer to the Reset section for details.
NUMG: Non-user pin. Connect it to GND.
NUMO: Non-user pin. Do not connect it to any lines.
Oscillators
OSC
1, OSC2: Internal oscillator input pins. They both can be connected to a crystal, ceramic resonator, or
external oscillator circuit. Refer to the Internal Oscillator Circuit section for details.
X1, X2: Watch oscillator 32-kHz crystal pins.
Ports
D
0–D13 (D Port): Fourteen 1-bit I/O ports. D0 to D9 are I/O ports and D 10 to D13 are input ports. D0–D9 are
high current output ports (15 mA max.). D
11–D13 are also available as voltage comparators. Refer to the
Input/Output section for details.
R0–R3 (R Ports): 4-bit I/O ports. R0
0, R01, R02, R31, R32, and R33 are multiplexed with SCK, SI, SO,
TIMO,
INT
0, and INT1, respectively.
Interrupts
INT
0, INT1: External interrupt pins. INT1 can be used as an external event input pin for timer B.
INT
0 and
INT
1 are multiplexed with R32 and R33, respectively. For details, see the Interrupts section.
Serial Interface
SCK, SI, SO: The transmit clock I/O pin (SCK), serial data input pin (SI), and serial data output pin (SO)
are used for serial interface.
SCK, SI, and SO are multiplexed with R0
0, R01, and R02, respectively. For
details, see the Serial Interface section.
Timer
TIMO: Variable duty-cycle pulse waveform output pin. See the Timer C section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com