Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404816FS Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 92Page - Renesas Technology Corp HD404816FS Datasheet HTML 93Page - Renesas Technology Corp HD404816FS Datasheet HTML 94Page - Renesas Technology Corp HD404816FS Datasheet HTML 95Page - Renesas Technology Corp HD404816FS Datasheet HTML 96Page - Renesas Technology Corp HD404816FS Datasheet HTML 97Page - Renesas Technology Corp HD404816FS Datasheet HTML 98Page - Renesas Technology Corp HD404816FS Datasheet HTML 99Page - Renesas Technology Corp HD404816FS Datasheet HTML 100Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
HD404818 Series
95
0.9VCC
0.1VCC
t DSO
t SCKf
t SCKL
t SSI
t HSI
t Scyc
t SCKr
0.4 V
V
– 1.0 V
CC
V
– 1.0 V (0.9V
)
CC
0.4 V (0.1V
)
SCK
SO
SI
After 8 pulses
are input
V
– 1.0 V and 0.4 V are the threshold voltages for transmit clock output.
0.9V
and 0.1V
are the threshold voltages for transmit clock input.
CC
CC
CC
CC
CC
t SCKH
t SCKHD
*
*
*
Note:
Figure 51 Timing of Serial Interface
Test
point
30 pF
C
12 k
Ω
R
V
CC
R = 2.6 k
L
Ω
1S2074 H
or equivalent
Figure 52 Timing Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com