Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404816FS Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # HD404816FS
Description  4-Bit Single-Chip Microcomputer
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404816FS Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button HD404816FS Datasheet HTML 92Page - Renesas Technology Corp HD404816FS Datasheet HTML 93Page - Renesas Technology Corp HD404816FS Datasheet HTML 94Page - Renesas Technology Corp HD404816FS Datasheet HTML 95Page - Renesas Technology Corp HD404816FS Datasheet HTML 96Page - Renesas Technology Corp HD404816FS Datasheet HTML 97Page - Renesas Technology Corp HD404816FS Datasheet HTML 98Page - Renesas Technology Corp HD404816FS Datasheet HTML 99Page - Renesas Technology Corp HD404816FS Datasheet HTML 100Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
HD404818 Series
94
During Transmit Clock Input
Item
Symbol
Pin(s)
Min
Typ
Max
Unit
Test Condition
Notes
Transmit clock cycle time
t
Scyc
SCK
1
t
cyc /
t
subcyc
1, 4
Transmit clock high and low
widths
t
SCKH,
t
SCKL
SCK
0.5
t
Scyc
1
Transmit clock rise and fall
times
t
SCKr,
t
SCKf
SCK
200
ns
1
Serial output data delay time t
DSO
SO
500
ns
1, 2
Serial input data setup time
t
SSI
SI
300
ns
1
Serial input data hold time
t
HSI
SI
300
ns
1
Transmit clock completion
detect time
t
SCKHD
SCK
1
t
cyc /
t
subcyc
1, 2,
3, 4
Notes: 1. See figure 51.
2
See figure 52.
3. The transmit clock completion detect time is the high level period after 8 pulses of transmit
clocks are input. The serial interrupt request flag is not set if the next transmit clock is input
before the transmit clock completion detect time has passed.
4. t
subcyc is applied when the MCU is in subactive mode.
t
subcyc = 244.14 µs (for a 32.768-kHz crystal
oscillator).
tCPr
tCPf
VCC – 0.3 V
0.3 V
OSC1
tCPH
tCPL
1/fCP
Figure 48 Oscillator Timing
0.9VCC
0.1VCC
INT0, INT1
tIH
tIL
Figure 49 Interrupt Timing
RESET
tRSTf
tRSTH
0.9VCC
0.1VCC
Figure 50 Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com