Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV7002DP Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPXV7002DP
Description  MPXV7002 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXV7002DP Datasheet(HTML) 3 Page - NXP Semiconductors

  MPXV7002DP Datasheet HTML 1Page - NXP Semiconductors MPXV7002DP Datasheet HTML 2Page - NXP Semiconductors MPXV7002DP Datasheet HTML 3Page - NXP Semiconductors MPXV7002DP Datasheet HTML 4Page - NXP Semiconductors MPXV7002DP Datasheet HTML 5Page - NXP Semiconductors MPXV7002DP Datasheet HTML 6Page - NXP Semiconductors MPXV7002DP Datasheet HTML 7Page - NXP Semiconductors MPXV7002DP Datasheet HTML 8Page - NXP Semiconductors MPXV7002DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MPXV7002
Sensors
NXP B.V.
3
1
Operating Characteristics
Table 1. Operating Characteristics (VS = 5.0 Vdc, TA = 25°C unless otherwise noted. Decoupling circuit shown in Figure 3
required to meet specification.)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range(1)
1. 1.0 kPa (kiloPascal) equals 0.145 psi.
POP
–2.0
—
2.0
kPa
Supply Voltage(2)
2.Device is ratiometric within this specified excitation range.
VS
4.75
5.0
5.25
Vdc
Supply Current
Io
—
—
10
mAdc
Pressure Offset(3)
(10 to 60
°C)
@ VS = 5.0 Volts
3.Offset (Voff) is defined as the output voltage at the minimum rated pressure.
Voff
0.25
0.5
0.75
Vdc
Full Scale Output(4)
(10 to 60
°C)
@ VS = 5.0 Volts
4.Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
VFSO
4.25
4.5
4.75
Vdc
Full Scale Span(5)
(10 to 60
°C)
@ VS = 5.0 Volts
5.Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
VFSS
3.5
4.0
4.5 V
Vdc
Accuracy(6)
(10 to 60
°C)
6.Accuracy (error budget) consists of the following:
Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
Temperature Hysteresis:
Output deviation at any temperature within the operating temperature range, after the temperature is cycled to
and from the minimum or maximum operating temperature points, with zero differential pressure applied.
Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from the
minimum or maximum rated pressure, at 25
°C.
TcSpan:
Output deviation over the temperature range of 10
° to 60°C, relative to 25°C.
TcOffset:
Output deviation with minimum rated pressure applied, over the temperature range of 10
° to 60°C, relative to
25
°C.
Variation from Nominal:
The variation from nominal values, for Offset or Full Scale Span, as a percent of VFSS, at 25°C.
——
±2.5(7)
7.Auto Zero at Factory Installation: Due to the sensitivity of the MPXV7002 Series, external mechanical stresses and mounting position can
affect the zero pressure output reading. Auto zero is defined as storing the zero pressure output reading and subtracting this from the
device's output during normal operations. Reference AN1636 for specific information. The specified accuracy assumes a maximum
temperature change of ± 5
°C between auto zero and measurement.
±6.25
%VFSS
Sensitivity
V/P
—
1.0
—-
V/kPa
Response Time(8)
8.Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a
specified step change in pressure.
tR
—1.0
—-
ms
Output Source Current at Full Scale Output
IO+
—0.1
—-
mAdc
Warm-Up Time(9)
9.Warm-up Time is defined as the time required for the product to meet the specified output voltage after the Pressure has been stabilized.
——
20
—-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com