Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV7002DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPXV7002DP
Description  MPXV7002 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXV7002DP Datasheet(HTML) 1 Page - NXP Semiconductors

  MPXV7002DP Datasheet HTML 1Page - NXP Semiconductors MPXV7002DP Datasheet HTML 2Page - NXP Semiconductors MPXV7002DP Datasheet HTML 3Page - NXP Semiconductors MPXV7002DP Datasheet HTML 4Page - NXP Semiconductors MPXV7002DP Datasheet HTML 5Page - NXP Semiconductors MPXV7002DP Datasheet HTML 6Page - NXP Semiconductors MPXV7002DP Datasheet HTML 7Page - NXP Semiconductors MPXV7002DP Datasheet HTML 8Page - NXP Semiconductors MPXV7002DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NXP Semiconductors
Document Number: MPXV7002
Data Sheet: Technical Data
Rev 4, 03/2017
© NXP B.V. 2017. All rights reserved.
MPXV7002 Integrated Silicon
Pressure Sensor On-Chip Signal
Conditioned, Temperature
Compensated and Calibrated
The MPXV7002 series piezoresistive transducers are state-of-the-art monolithic
silicon pressure sensors designed for a wide range of applications, but
particularly those employing a microcontroller or microprocessor with A/D
inputs. This transducer combines advanced micromachining techniques, thin-
film metallization, and bipolar processing to provide an accurate, high level
analog output signal that is proportional to the applied pressure.
Features
•
2.5% Typical Error over +10
°C to +60°C with Auto Zero
•
6.25% Maximum Error over +10
°C to +60°C without Auto Zero
•
Ideally Suited for Microprocessor or Microcontroller-Based Systems
•
Thermoplastic (PPS) Surface Mount Package
•
Temperature Compensated over +10
° to +60°C
•
Patented Silicon Shear Stress Strain Gauge
•
Available in Differential and Gauge Configurations
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MPXV7002 Series)
MPXV7002GC6U
Rails
482A
•
•
MPXV7002G
MPXV7002GC6T1
Tape & Reel
482A
•
•
MPXV7002G
MPXV7002GP
Trays
1369
•
•
MPXV7002G
MPXV7002DP
Trays
1351
•
•
MPXV7002DP
MPXV7002DPT1
Tape & Reel
1351
•
•
MPXV7002DP
MPXV7002
-2 to +2 kPa (-0.3 to +0.3 psi)
0.5 to 4.5 V Output
Small Outline Package
MPXV7002DP
CASE 1351
MPXV7002GP
CASE 1369
MPXV7002GC6U/C6T1
CASE 482A
1
2
3
4
5
6
7
8
Top view
VS
VOUT
GND
N/C
Pinout
(Style 2, case number 98ASA99255D)
N/C
N/C
N/C
N/C


Similar Part No. - MPXV7002DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV7002DP FREESCALE-MPXV7002DP Datasheet
335Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7002DP FREESCALE-MPXV7002DP Datasheet
205Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7002DP FREESCALE-MPXV7002DP Datasheet
212Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated and Calibrated
MPXV7002DPT1 FREESCALE-MPXV7002DPT1 Datasheet
205Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPXV7002DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
logo
NXP Semiconductors
MP3V7007 NXP-MP3V7007 Datasheet
156Kb / 10P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 0, 11/2008
MPX4250 NXP-MPX4250 Datasheet
173Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 7, 1/2009
MPXV7007 NXP-MPXV7007 Datasheet
949Kb / 19P
Integrated silicon pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 4-26 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com