Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXV7002DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPXV7002DP
Description  MPXV7002 Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXV7002DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPXV7002DP Datasheet HTML 2Page - NXP Semiconductors MPXV7002DP Datasheet HTML 3Page - NXP Semiconductors MPXV7002DP Datasheet HTML 4Page - NXP Semiconductors MPXV7002DP Datasheet HTML 5Page - NXP Semiconductors MPXV7002DP Datasheet HTML 6Page - NXP Semiconductors MPXV7002DP Datasheet HTML 7Page - NXP Semiconductors MPXV7002DP Datasheet HTML 8Page - NXP Semiconductors MPXV7002DP Datasheet HTML 9Page - NXP Semiconductors MPXV7002DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MPXV7002
Sensors
6
NXP B.V.
Figure 4. Output versus Pressure Differential
4
Pressure (P1)/Vacuum (P2) Side Identification Table
NXP designates the two sides of the pressure sensor as the Pressure (P1) side and the Vacuum (P2) side. The Pressure (P1)
side is the side containing a gel die coat which protects the die from harsh media.
The Pressure (P1) side may be identified by using the following table:
5
Minimum Recommended Footprint for Surface Mounted Applications
Surface mount board layout is a critical portion of the total design. The footprint for the surface mount packages must be the
correct size to ensure proper solder connection interface between the board and the package. With the correct footprint, the
packages will self align when subjected to a solder reflow process. It is always recommended to design boards with a solder mask
layer to avoid bridging and shorting between solder pads.
Figure 5. Small Outline Package Footprint
Part Number
Case Type
Pressure (P1)
Side Identifier
MPXV7002GC6U/GC6T1
482A-01
Side with Port Attached
MPXV7002GP
1369-01
Side with Port Attached
MPXV7002DP
1351-01
Side with Part Marking
Differential Pressure (kPa)
5.0
4.0
3.0
2.0
1.0
0
02
TYPICAL
MIN
-2
-1
1
Transfer Function:
Vout = VS × (0.2 × P(kPa)+0.5) ± 6.25% VFSS
VS = 5.0 Vdc
TA = 10 to 60°C
MAX
0.660
16.76
0.060 TYP 8X
1.52
0.100 TYP 8X
2.54
0.100 TYP 8X
2.54
0.300
7.62
inch
mm
SCALE 2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com