Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853014BGLF Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853014BGLF
Description  LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853014BGLF Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853014BGLF Datasheet HTML 1Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 2Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 3Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 4Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 5Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 6Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 7Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 8Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
853014BG
www.icst.com/products/hiperclocks.html
REV. C MAY 13, 2005
1
Integrated
Circuit
Systems, Inc.
ICS853014
LOW SKEW, 1-TO-5
2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS853014 is a low skew, high performance
1-to-5, 2.5V/3.3V Differential-to-LVPECL/ECL
Fanout Buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions
from ICS. The ICS853014 has two selectable
clock inputs.
Guaranteed output and par t-to-part skew characteristics
make the ICS853014 ideal for those applications
demanding well defined performance and repeatability.
FEATURES
• 5 differential LVPECL/ECL outputs
• 2 selectable differential LVPECL clock inputs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: > 2GHz
• Output skew: 13ps (typical)
• Part-to-part skew: 60ps (typical)
• Propagation delay: 460ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.8V to -2.375V
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant
BLOCK DIAGRAM
PIN ASSIGNMENT
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
nEN
VCC
nPCLK1
PCLK1
VBB
nPCLK0
PCLK0
CLK_SEL
VEE
HiPerClockS™
ICS
ICS853014
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm package body
G Package
Top View
PCLK0
nPCLK0
PCLK1
nPCLK1
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
0
1
nEN
CLK_SEL
D
Q
LE
0
1
V
BB


Similar Part No. - ICS853014BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853014BGLF IDT-ICS853014BGLF Datasheet
1Mb / 19P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
More results

Similar Description - ICS853014BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS85310I-21 ICST-ICS85310I-21 Datasheet
188Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. D JUNE 30, 2005
ICS85310I-31 ICST-ICS85310I-31 Datasheet
204Kb / 16P
LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
REV. D JULY 6, 2005
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
ICS853210 ICST-ICS853210 Datasheet
275Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A NOVEMBER 12, 2003
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85310I-21 RENESAS-85310I-21 Datasheet
290Kb / 17P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
June 24, 2016
85310I-31 RENESAS-85310I-31 Datasheet
233Kb / 17P
Low Skew, Dual, 1-to-5, 2.5V/3.3V Differential-to-ECL/LVPECL Fanout Buffer
REVISION E 11/9/15
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
ICS853S014I RENESAS-ICS853S014I Datasheet
445Kb / 21P
Low Skew, 1-to-5, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
MAY 23, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com