Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853014BGLF Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS853014BGLF
Description  LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853014BGLF Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS853014BGLF Datasheet HTML 7Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 8Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 9Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 10Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 11Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 12Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 13Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 14Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
853014BG
www.icst.com/products/hiperclocks.html
REV. C MAY 13, 2005
11
Integrated
Circuit
Systems, Inc.
ICS853014
LOW SKEW, 1-TO-5
2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
SCHEMATIC EXAMPLE
This application note provides general design guide using
ICS853014 LVPECL buffer.
Figure 6 shows a schematic example
of the ICS853014 LVPECL clock buffer. In this example, the in-
put is driven by an LVPECL driver. CLK_SEL is set at logic high
to select PCLK1/nPCLK1 input.
FIGURE 6. EXAMPLE ICS853014 LVPECL CLOCK OUTPUT BUFFER SCHEMATIC
R5
50
Zo = 50
R10
50
C5
0.1u
R4
50
C2
0.1u
R1
50
Zo = 50
C4
0.1u
+
-
C1
0.1u
+
-
R7
50
LVPECL Driv er
C3
0.1u
Zo = 50
Zo = 50
R12
1K
U1
ICS853014
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
VEE
CLK_SEL
PCLK0
nPCLK0
VBB
PCLK1
VCC
nEN
VCC
nPCLK1
R11
1K
R6
50
3.3V
3.3V
R2
50
Zo = 50
3.3V
R9
50
R3
50
Zo = 50
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com