Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853014BGLF Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS853014BGLF
Description  LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853014BGLF Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS853014BGLF Datasheet HTML 6Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 7Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 8Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 9Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 10Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 11Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 12Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 13Page - Integrated Circuit Systems ICS853014BGLF Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
853014BG
www.icst.com/products/hiperclocks.html
REV. C MAY 13, 2005
10
Integrated
Circuit
Systems, Inc.
ICS853014
LOW SKEW, 1-TO-5
2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
LVPECL CLOCK INPUT INTERFACE
The PCLKx /nPCLKx accepts LVPECL, CML, SSTL and other
differential signals. Both V
SWING and VOH must meet the VPP and
V
CMR input requirements.
Figures 5A to 5E show interface
examples for the HiPerClockS PCLKx/nPCLKx input driven
by the most common driver types. The input interfaces sug-
gested here are examples only. If the driver is from another
vendor, use their termination recommendation. Please con-
sult with the vendor of the driver component to confirm the
driver termination requirements.
FIGURE 5A. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A
CML DRIVER
FIGURE 5B. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY AN
SSTL DRIVER
FIGURE 5C. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A
3.3V LVPECL DRIVER
FIGURE 5D. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A
3.3V LVDS DRIVER
HiPerClockS
PCLK
nPCLK
PCLK/nPCLK
3.3V
R2
50
R1
50
3.3V
Zo = 50 Ohm
CML
3.3V
Zo = 50 Ohm
PCLK/nPCLK
2.5V
Zo = 60 Ohm
SSTL
HiPerClockS
PCLK
nPCLK
R2
120
3.3V
R3
120
Zo = 60 Ohm
R1
120
R4
120
2.5V
FIGURE 5E. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A
3.3V LVPECL DRIVER WITH AC COUPLE
3.3V
R5
100 - 200
3.3V
3.3V
HiPerClockS
PCLK
nPCLK
R1
125
PCLK/nPCLK
R2
125
R3
84
C1
C2
Zo = 50 Ohm
R4
84
Zo = 50 Ohm
R6
100 - 200
3.3V LVPECL
3.3V
HiPerCloc kS
PCLK
nPCLK
R2
84
R3
125
Input
Zo = 50 Ohm
R4
125
R1
84
LVPECL
3.3V
3.3V
Zo = 50 Ohm
C2
R2
1K
R5
100
Zo = 50 Ohm
3.3V
3.3V
C1
R3
1K
LVDS
R4
1K
HiPerClockS
PCLK
nPCLK
R1
1K
Zo = 50 Ohm
3.3V
PC L K/n PCL K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com