Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V386GLF Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # V386GLF
Description  8-BIT LVDS RECEIVER FOR VIDEO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V386GLF Datasheet(HTML) 4 Page - Integrated Circuit Systems

  V386GLF Datasheet HTML 1Page - Integrated Circuit Systems V386GLF Datasheet HTML 2Page - Integrated Circuit Systems V386GLF Datasheet HTML 3Page - Integrated Circuit Systems V386GLF Datasheet HTML 4Page - Integrated Circuit Systems V386GLF Datasheet HTML 5Page - Integrated Circuit Systems V386GLF Datasheet HTML 6Page - Integrated Circuit Systems V386GLF Datasheet HTML 7Page - Integrated Circuit Systems V386GLF Datasheet HTML 8Page - Integrated Circuit Systems V386GLF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
8-BIT LVDS RECEIVER FOR VIDEO
V386
V386 Datasheet
4
5/25/05
Revision 2.0
Integrated Circuit Systems • 525 Race Street, San Jose, CA 95126 • tel (408) 297-1201 • www.icst.com
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the V386. These ratings, which are
standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
Electrical Characteristics
VDD=3.3 V ±10%, Ambient temperature 0 to 70
°C
Item
Rating
Supply Voltage, VCC
-0.3 V to +4 V
CMOS/TTL Output Voltage
-0.3 V to (VCC+0.3 V)
LVDS Receiver Input Voltage
-0.3 V to (VCC+0.3 V)
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
150
°C
Soldering Temperature (10 seconds max.)
260
°C
Maximum Package Power
1.61 W (V386)
Package Derating
12.4 mW/°C above +25°C
15 mW/°C above +25°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (Ta)
0
25
70
°C
3.3 V Supply Voltage (VCC)
3
3.3
3.6
V
Receiver Input Range (VIN)0
2.4
V
Supply Noise Voltage (VN)
100
mVpp
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
CMOS/TTL DC Specifications
Input High Voltage
VIH
2.0
VCC
V
Input Low Voltage
VIL
GND
0.8
V
Output High Voltage
VOH
IOH = -0.4 mA
2.7
3.3
VCC
V
Output Low Voltage
VOL
IOL = 2 mA
0.06
0.3
V
Input Clamp Voltage
VCL
ICL = -18mA
-0.79
-1.5
V
Input Current
IIN
VCC
±15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com