Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V386GLF Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # V386GLF
Description  8-BIT LVDS RECEIVER FOR VIDEO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V386GLF Datasheet(HTML) 1 Page - Integrated Circuit Systems

  V386GLF Datasheet HTML 1Page - Integrated Circuit Systems V386GLF Datasheet HTML 2Page - Integrated Circuit Systems V386GLF Datasheet HTML 3Page - Integrated Circuit Systems V386GLF Datasheet HTML 4Page - Integrated Circuit Systems V386GLF Datasheet HTML 5Page - Integrated Circuit Systems V386GLF Datasheet HTML 6Page - Integrated Circuit Systems V386GLF Datasheet HTML 7Page - Integrated Circuit Systems V386GLF Datasheet HTML 8Page - Integrated Circuit Systems V386GLF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
V386
V386 Datasheet
1
5/25/05
Revision 2.0
Integrated Circuit Systems • 525 Race Street, San Jose, CA 95126 • tel (408) 297-1201 • www.icst.com
8-BIT LVDS RECEIVER FOR VIDEO
General Description
The V386 is an ideal LVDS receiver that converts 4-pair
LVDS data streams into parallel 28 bits of CMOS/TTL
data with bandwidth up to 2.38 Gbps throughput or
297.5 Mbytes per second.
This chip is an ideal means to solve EMI and cable size
problems associated with wide, high-speed TTL
interfaces through very low-swing LVDS signals.
ICS manufactures a large variety of video application
devices. Consult ICS for all of your video application
requirements.
Pin Assignments
Features
• Pin and function compatible with the National
DS90CF386, THine THC63LVDF84, TI
SN65LVDS94
• Converts 4-pair LVDS data streams into parallel 28
bits of CMOS/TTL data
• Fully spread spectrum compatible
• Wide clock frequency range from 20 MHz to 85 MHz
• Supports VGA, SVGA, XGA, and SXGA
• LVDS voltage swing of 350 mV for low EMI
• On-chip PLL requires no external components
• Low-power CMOS design
• Falling edge clock triggered outputs
• Power-down control function
• Compatible with TIA/EIA-644 LVDS standards
• Packaged in a 56-pin TSSOP (Pb free available)
Block Diagram
12
1
11
2
10
RxOUT22
3
9
RxOUT23
4
5
6
7
8
16
15
14
13
56-pin TSSOP
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
RxOUT24
GND
RxOUT26
RxOUT27
RxOUT25
RxIN0-
RxIN0+
RxIN1-
RxIN1+
LVDS_VCC
LVDS_GND
RxIN2-
RxIN2+
RxCLKIN-
RxCLKIN+
LVDS_GND
PLL_GND
PLL_VCC
PLL_GND
RxOUT2
RxOUT1
VCC
RxOUT8
RxOUT12
VCC
RxOUT3
RxOUT4
RxOUT5
GND
RxOUT6
RxOUT7
RxOUT9
GND
RxOUT10
RxOUT11
VCC
RxOUT13
GND
RxOUT14
RxOUT15
RxOUT16
VCC
V386
PWRDWN
RxCLKOUT
RxOUT0
49
50
51
52
53
54
55
56
LVDS_GND
RxIN3-
RxIN3+
GND
RxOUT17
RxOUT18
RxOUT19
RxOUT20
RxOUT21
RxIN0-
RxIN0+
RxIN1-
RxIN1+
RxIN2-
RxIN2+
RxCLKIN-
RxCLKIN+
RxIN3-
RxIN3+
LVDS to TTL
De-serializer
RED
PLL
GREEN
BLUE
VSYNC
RxCLKOUT
PWRDWN
HSYNC
DATA ENABLE
CONTROL
8
8
8
V386


Similar Part No. - V386GLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V381 ETC-V381 Datasheet
74Kb / 1P
BATTERY
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
logo
Integrated Circuit Syst...
V385AG ICST-V385AG Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
More results

Similar Description - V386GLF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
LVDS 1-Bit High Speed Differential Receiver
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V104 ICST-V104 Datasheet
205Kb / 11P
10 BIT LVDS RECEIVER FOR VIDEO
Revision 1.6
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
Revision 2.0
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Rohm
BU7985KVT ROHM-BU7985KVT Datasheet
827Kb / 20P
56bit LVDS Receiver 8:56 DeSerializer
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
8/28-BIT LVDS RECEIVER FOR VIDEO
2019
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com