Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V386GLF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # V386GLF
Description  8-BIT LVDS RECEIVER FOR VIDEO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V386GLF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  V386GLF Datasheet HTML 1Page - Integrated Circuit Systems V386GLF Datasheet HTML 2Page - Integrated Circuit Systems V386GLF Datasheet HTML 3Page - Integrated Circuit Systems V386GLF Datasheet HTML 4Page - Integrated Circuit Systems V386GLF Datasheet HTML 5Page - Integrated Circuit Systems V386GLF Datasheet HTML 6Page - Integrated Circuit Systems V386GLF Datasheet HTML 7Page - Integrated Circuit Systems V386GLF Datasheet HTML 8Page - Integrated Circuit Systems V386GLF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
8-BIT LVDS RECEIVER FOR VIDEO
V386
V386 Datasheet
5
5/25/05
Revision 2.0
Integrated Circuit Systems • 525 Race Street, San Jose, CA 95126 • tel (408) 297-1201 • www.icst.com
0V
±10
Output Short Circuit Current
IOS
VOUT = 0V
-60
mA
LVDS Receiver DC Specifications
Differential Input High Threshold
VTH
VCM = +1.2 V
+100
mV
Differential Input Low Threshold
VTL
-100
mV
Input Current
IIN
VIN = +2.4 V, VCC = 3.6 V
±10
µA
VIN = 0V, VCC = 3.6 V
±15
µA
Receiver Supply Current
Receiver Supply Current (worst case)
ICCRW
CL = 8 pF, f = 65 MHz, worst
case pattern
220
mA
CL = 8 pF, f = 85 MHz, worst
case pattern
240
mA
Receiver Supply Current (16
Grayscale)
ICCRG
CL= 8 pF, f = 65 MHz, 16
Grayscale pattern
125
mA
CL= 8 pF, f = 85 MHz, 16
Grayscale pattern
140
mA
Receiver Supply Current (Power
Down)
ICCRZ
Power_Down = Low,
Receiver outputs stay low
during Power-down mode
140
400
µA
Receiver Switching Characteristics
CMOS/TTL Low-to-High Transition
Time
CLHT
20% to 80% VCC, CL= 8 pF
2
3.5
ns
CMOS/TTL High-to-Low Transition
Time
CHLT
80% to 20% VCC, CL= 8 pF
1.8
3.5
ns
CLKOUT period
RCOP
11.76
T
50
ns
CLKOUT High Time
RCOH
f = 85 MHz
4.5
5
7
ns
CLKOUT Low Time
RCOL
f = 85 MHz
4
5
6.5
ns
Data Setup to CLKOUT
RSRC
f = 85 MHz
2.0
ns
Data Hold to CLKOUT
RHRC
f = 85 MHz
3.5
ns
RCK+/- to CLKOUT Delay
RCCD
25
°C / 3.3 V
8
14
20
ns
Receiver PLL Setup Time
RPLLS
10
ms
Receiver Power Down Delay
RPDD
1
µs
Receiver Input Strobe Position for
Bit0
RSPos0 f = 85 MHz, T = 11.76 ns
0.49
0.84
1.19
ns
Receiver Input Strobe Position for
Bit1
RSPos1 f = 85 MHz, T = 11.76 ns
2.17
2.52
2.87
ns
Receiver Input Strobe Position for
Bit2
RSPos2 f = 85 MHz, T = 11.76 ns
3.85
4.2
4.55
ns
Receiver Input Strobe Position for
Bit3
RSPos3 f = 85 MHz, T = 11.76 ns
5.53
5.88
6.23
ns
Receiver Input Strobe Position for
Bit4
RSPos4 f = 85 MHz, T = 11.76 ns
7.21
7.56
7.91
ns
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com