Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA280 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA280
Description  INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA280 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA280 Datasheet HTML 9Page - Texas Instruments INA280 Datasheet HTML 10Page - Texas Instruments INA280 Datasheet HTML 11Page - Texas Instruments INA280 Datasheet HTML 12Page - Texas Instruments INA280 Datasheet HTML 13Page - Texas Instruments INA280 Datasheet HTML 14Page - Texas Instruments INA280 Datasheet HTML 15Page - Texas Instruments INA280 Datasheet HTML 16Page - Texas Instruments INA280 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
7.3.1.4 Wide Supply Range
The INA280-Q1 operates with a wide supply range from a 2.7 V to 20 V. The output stage supports a full-scale
output voltage range of up to V S. Wide output range can enable very-wide dynamic range current
measurements. For a gain of 20 V/V, the maximum differential input acceptable is 1 V.
7.4 Device Functional Modes
7.4.1 Unidirectional Operation
The INA280-Q1 measures the differential voltage developed by current flowing through a resistor that is
commonly referred to as a current-sensing resistor or a current-shunt resistor. The INA280-Q1 operates in
unidirectional mode only, meaning it only senses current sourced from a power supply to a system load as
shown in Figure 7-3.
+
±
Buffer
Current
Feedback
RL
R1
R1
Bias
48-V
Supply
Load
IN+
IN±
5 V
RSENSE
OUT
GND
ISENSE
Figure 7-3. Unidirectional Application
The linear range of the output stage is limited to how close the output voltage can approach ground under zero-
input conditions. The zero current output voltage of the INA280-Q1 is very small, with a maximum of GND + 25
mV. Make sure to apply a sense voltage of (25 mV / Gain) or greater to keep the INA280-Q1 output in the linear
region of operation.
7.4.2 High Signal Throughput
With a bandwidth of 1.1 MHz at a gain of 20 V/V and a slew rate of 2 V/µs, the INA280-Q1 is specifically
designed for detecting and protecting applications from fast inrush currents. As shown in Table 7-2, the INA280-
Q1 responds in less than 2 µs for a system measuring a 75-A threshold on a 2-mΩ shunt.
Table 7-2. Response Time
PARAMETER
EQUATION
INA280-Q1
AT VS = 5 V
G
Gain
20 V/V
IMAX
Maximum current
100 A
IThreshold
Threshold current
75 A
RSENSE
Current sense resistor value
2 mΩ
VOUT_MAX
Output voltage at maximum current
VOUT = IMAX × RSENSE × G
4 V
VOUT_THR
Output voltage at threshold current
VOUT_THR = ITHR × RSENSE × G
3 V
SR
Slew rate
2 V/µs
Output response time
Tresponse = VOUT_THR / SR
< 2 µs
www.ti.com
INA280-Q1
SBOSA48 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA280-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com