Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA280 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA280
Description  INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA280 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA280 Datasheet HTML 13Page - Texas Instruments INA280 Datasheet HTML 14Page - Texas Instruments INA280 Datasheet HTML 15Page - Texas Instruments INA280 Datasheet HTML 16Page - Texas Instruments INA280 Datasheet HTML 17Page - Texas Instruments INA280 Datasheet HTML 18Page - Texas Instruments INA280 Datasheet HTML 19Page - Texas Instruments INA280 Datasheet HTML 20Page - Texas Instruments INA280 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
8.2.1 Design Requirements
V SUPPLY is set to 5 V, and the common-mode voltage set to 48 V. Table 8-3 lists the design setup for this
application.
Table 8-3. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
INA280-Q1 supply voltage
5 V
High-side supply voltage
48 V
Maximum sense current (IMAX)
5 A
Gain option
50 V/V
8.2.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based choice of gain, value of the maximum
current the be sensed (IMAX), and the power-supply voltage (VS). When operating at the maximum current, the
output voltage must not exceed the positive output swing specification, VSP. Under the given design parameters,
Equation 6 calculates the maximum value for RSENSE as 19.2 mΩ.
SP
SENSE
MAX
V
R
<
I
GAIN
u
(6)
For this design example, a value of 15 mΩ is selected because, while the 15 mΩ is less than the maximum value
calculated, 15 mΩ is still large enough to give adequate signal at the current-sense amplifier output.
8.2.2.1 Overload Recovery With Negative VSENSE
The INA280 is a unidirectional current-sense amplifier that is meant to operate with a positive differential input
voltage (VSENSE). If negative VSENSE is applied, the device is placed in an overload condition and requires time to
recover once VSENSE returns positive. The required overload recovery time increases with more negative VSENSE.
8.2.3 Application Curve
Figure 8-3 shows the output response of the device to a high frequency sinusoidal current.
Time (10Ps/div)
A2 Device VOUT (1 V/div)
VSENSE (20 mV/div)
INA2
Figure 8-3. INA280 Output Response
www.ti.com
INA280-Q1
SBOSA48 – NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA280-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com