Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA280 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA280
Description  INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA280 Datasheet(HTML) 2 Page - Texas Instruments

  INA280 Datasheet HTML 1Page - Texas Instruments INA280 Datasheet HTML 2Page - Texas Instruments INA280 Datasheet HTML 3Page - Texas Instruments INA280 Datasheet HTML 4Page - Texas Instruments INA280 Datasheet HTML 5Page - Texas Instruments INA280 Datasheet HTML 6Page - Texas Instruments INA280 Datasheet HTML 7Page - Texas Instruments INA280 Datasheet HTML 8Page - Texas Instruments INA280 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions ..................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................4
6.5 Electrical Characteristics ............................................5
6.6 Typical Characteristics................................................ 6
7 Detailed Description...................................................... 11
7.1 Overview................................................................... 11
7.2 Functional Block Diagram......................................... 11
7.3 Feature Description...................................................11
7.4 Device Functional Modes..........................................13
8 Application and Implementation.................................. 14
8.1 Application Information............................................. 14
8.2 Typical Application.................................................... 16
9 Power Supply Recommendations................................18
10 Layout...........................................................................18
10.1 Layout Guidelines................................................... 18
10.2 Layout Example...................................................... 18
11 Device and Documentation Support..........................19
11.1 Documentation Support.......................................... 19
11.2 Receiving Notification of Documentation Updates.. 19
11.3 Support Resources................................................. 19
11.4 Trademarks............................................................. 19
11.5 Electrostatic Discharge Caution.............................. 19
11.6 Glossary.................................................................. 19
12 Mechanical, Packaging, and Orderable
Information.................................................................... 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
November 2020
*
Initial Release
INA280-Q1
SBOSA48 – NOVEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA280-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com