Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0201AT Datasheet(PDF) 13 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AP0201AT Datasheet HTML 9Page - ON Semiconductor AP0201AT Datasheet HTML 10Page - ON Semiconductor AP0201AT Datasheet HTML 11Page - ON Semiconductor AP0201AT Datasheet HTML 12Page - ON Semiconductor AP0201AT Datasheet HTML 13Page - ON Semiconductor AP0201AT Datasheet HTML 14Page - ON Semiconductor AP0201AT Datasheet HTML 15Page - ON Semiconductor AP0201AT Datasheet HTML 16Page - ON Semiconductor AP0201AT Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AP0201AT
www.onsemi.com
13
IMAGE FLOW PROCESSOR
Image and color processing in the AP0201AT is
implemented as an image flow processor (IFP) coded in
hardware logic. During normal operation, the embedded
microcontroller will automatically adjust the operating
parameters. For normal operation of the AP0201AT, streams
of raw image data from the attached image sensor are fed
into the color pipeline. The AP201AT also has the option to
select a number of test patterns to be input instead of sensor
data.
Defect Correction
Image stream processing commences with the defect
correction function immediately after data decompanding.
To obtain defect free images, the pixels marked defective
during sensor readout and the pixels determined defective
by the defect correction algorithms are replaced with values
derived from the non−defective neighboring pixels.
AdaCD (Adaptive Color Difference)
The next step in the image stream processing is noise
reduction. The AP0201AT uses a noise reduction filter
called AdaCD which focuses on removing color noise while
preserving edge details. Automotive applications require
good performance in extremely low light, even at high
temperature conditions. In these stringent conditions the
image sensor is prone to higher noise levels, and so efficient
noise reduction techniques are required to circumvent this
sensor limitation and deliver a high quality image to the user.
Black Level Substraction and Digital Gain
After noise reduction, the pixel data goes through black
level subtraction and multiplication by a programmable
digital gain. Independent color channel digital gain can be
adjusted with registers. Black level subtraction (to
compensate for sensor data pedestal) is a single value
applied to all color channels. If the black level subtraction
produces a negative result for a particular pixel, the value of
this pixel is set to 0.
Positional Gain Adjustments (PGA)
Lenses tend to produce images whose brightness is
significantly attenuated near the edges. There are also other
factors causing fixed pattern signal gradients in images
captured by image sensors. The cumulative result of all these
factors is known as image shading. The AP0201AT has an
embedded shading correction module that can be
programmed to counter the shading effects on each
individual R, Gb, Gr, and B color signal.
The Correction Function
The correction functions can then be applied to each pixel
value to equalize the response across the image as follows:
Pcorrected(row, col) + Psensor(row, col)
f(row, col)
(eq. 1)
where P are the pixel values and f is the color dependent
correction functions for each color channel.
Adaptive Local Tone Mapping (ALTM)
Real world scenes often have very high dynamic range
(HDR) that far exceeds the electrical dynamic range of the
imager. Dynamic range is defined as the luminance ratio
between the brightest and the darkest object in a scene. In
recent years many technologies have been developed to
capture the full dynamic range of real world scenes. For
example, the multiple exposure method is widely adopted
for capturing high dynamic range images, which combines
a series of low dynamic range images of the same scene
taken under different exposure times into a single HDR
image.
Even though the new digital imaging technology enables
the capture of the full dynamic range, low dynamic range
display devices are the limiting factor. Today’s typical LCD
monitor has contrast ratio around 1,000:1; this contrast ratio
is not enough for an HDR image (the contrast ratio for an
HDR image is around 250,000:1). Therefore, in order to
reproduce HDR images on a low dynamic range display
device, the captured high dynamic range must be
compressed to the available range of the display device. This
is commonly called tone mapping.
Tone mapping methods can be classified into global tone
mapping and local tone mapping. Global tone mapping
methods apply the same mapping function to all pixels.
While
global
tone
mapping
methods
provide
computationally simple and easy to use solutions, they often
cause loss of contrast and detail. A local tone mapping is thus
necessary in addition to global tone mapping for the
reproduction of visually more appealing images that also
reveal scene details that are important for automotive safety
applications. Local tone mapping methods use a spatially
variable mapping function determined by the neighborhood
of a pixel, which allows it to increase the local contrast and
the visibility of some details of the image. Local methods
usually yield more pleasing results because they exploit the
fact that human vision is more sensitive to local contrast.
ON Semiconductor’s ALTM solution significantly
improves the performance over global tone mapping.
ALTM is directly applied to the Bayer domain to compress
the dynamic range from 20−bit to 12−bit. This allows the
regular color pipeline to be used for HDR image rendering.
Color Interpolation
In the raw data stream fed by the external sensor to the IFP,
each pixel is represented by a 20− or 12−bit integer number,
which can be considered proportional to the pixel’s response
to a one−color light stimulus, red, green, or blue, depending
on the pixel’s position under the color filter array. Initial data
processing steps, up to and including ALTM, preserve the
one−color−per−pixel nature of the data stream, but after
ALTM it must be converted to a three−colors−per−pixel
stream appropriate for standard color processing. The
conversion is done by an edge−sensitive color interpolation
module. The module pads the incomplete color information
available for each pixel with information extracted from an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com