Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0201AT Datasheet(PDF) 2 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 2 Page - ON Semiconductor

  AP0201AT Datasheet HTML 1Page - ON Semiconductor AP0201AT Datasheet HTML 2Page - ON Semiconductor AP0201AT Datasheet HTML 3Page - ON Semiconductor AP0201AT Datasheet HTML 4Page - ON Semiconductor AP0201AT Datasheet HTML 5Page - ON Semiconductor AP0201AT Datasheet HTML 6Page - ON Semiconductor AP0201AT Datasheet HTML 7Page - ON Semiconductor AP0201AT Datasheet HTML 8Page - ON Semiconductor AP0201AT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
AP0201AT
www.onsemi.com
2
Features (continued)
• ON Semiconductor Custom UDP−based Protocol
• IPv4, IPv6, TCP, DHCP, QoS and ICMP4 Support
• Proxy Service for Customer Specific Protocol
• Metadata over Ethernet
• Hybrid Mode Operation: Configuration over Serial
Interface and Video over Ethernet
• AEC−Q101 Qualified and PPAP Capable
Applications
• Surround, Rear and Front View Cameras
• Blind Spot/Side Mirror Replacement Cameras
• Automotive Viewing/Processing Fusion Cameras
ORDERING INFORMATION
Table 2. AVAILABLE PART NUMBERS
Part Number
Product Description
Orderable Product Attribute Description
AP0201AT2L00XEGA0−DR
Ethernet Co−Processor, 100−ball VFBGA
Drypack
AP0201AT2L00XEGA0−TR
Ethernet Co−Processor, 100−ball VFBGA
Tape & Reel†
AP0201AT2L00XEGAD3−GEVK
AP0201AT Demo Kit
AP0201AT2L00XEGAH3−GEVB
AP0201AT Head Board
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
FUNCTIONAL OVERVIEW
Figure 1 shows the typical configuration of the
AP0201AT in a camera system. On the host side, commands
and image data are sent out over the Ethernet bus. The
AP0201AT interface to the sensor supports a parallel
interface or HiSPi interface.
Figure 1. AP0201AT Connectivity
NOTE: The Hybrid mode supports configuring the AP0201AT through the serial interface and streaming video over Ethernet.
Hybrid Mode can be enabled by loading an available patch. Please contact ON Semiconductor support.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com