Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0201AT Datasheet(PDF) 21 Page - ON Semiconductor

Part # AP0201AT
Description  AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0201AT Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AP0201AT Datasheet HTML 17Page - ON Semiconductor AP0201AT Datasheet HTML 18Page - ON Semiconductor AP0201AT Datasheet HTML 19Page - ON Semiconductor AP0201AT Datasheet HTML 20Page - ON Semiconductor AP0201AT Datasheet HTML 21Page - ON Semiconductor AP0201AT Datasheet HTML 22Page - ON Semiconductor AP0201AT Datasheet HTML 23Page - ON Semiconductor AP0201AT Datasheet HTML 24Page - ON Semiconductor AP0201AT Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AP0201AT
www.onsemi.com
21
ETHERNET INTERFACE
Overview
AP0201AT’s Ethernet mode has complete support for
configuring the part and streaming video out. By default
IPv4 and IPv6 are enabled. The default MAC address and IP
address are in the table below. For a complete set of default
settings and configurable variables refer to the AP0201AT
Register Reference. AP0201AT supports time precision
protocols to synchronize several cameras.
Type
Default Address
MAC
2:00:00:00:00:01
IPv4
192.168.1.5
IPv6
fe80::ff:fe00:0
AP0201AT also supports a UDP−based protocol with ON
Semiconductor host commands. Using this protocol all
registers and variables are accessible.
AP0201AT MAC supports MII, GMII and RMII
protocols. Video can be streamed in MJPEG or H.264 format
over RTP or AVB (IEEE 1722a) protocols.
Registers and variables can be modified using HCI access
commands over Ethernet or through the serial interface. For
initial settings of these variables, firmware will check NVM
before booting up. (Please refer to the network section of the
HCI document for a discussion of all Ethernet firmware and
hardware variables.)
Features
• Ethernet hardware
♦ 100 Mb and 1 Gb Ethernet speed
♦ Configurable MAC
• Ipv4
• DHCP for dynamic IP address configuration
• Network QoS and communication integrity check using
ON Semiconductor UDP based commands
• Network status
• Communication integrity check over
ON Semiconductor−UDP
• Support for patching firmware over Ethernet and serial
interface
• Support for dynamic variable updates
• Monitoring AP0201AT registers
• VLAN support: Video Ethernet packets (IEEE1772 or
RTP) can be sent with a user−specified VLAN ID.
• NVRAM
♦ Enabling and Disabling Protocols
♦ Updating variables in boot−time
♦ Setting unique MAC and IP address
• Persistent Storage of Runtime Configuration (Under
Review)
Protocol
The AP0201AT supports the following Ethernet
protocols.
• IP Protocols:
♦ IPv4 − Fully supported. ICMP, IGMP, ARP, UDP
and TCP
♦ IPv6 − Please talk to your design support engineer
• Command Protocols
♦ UDP − ON Semiconductor UDP−based Host
command protocol
♦ Some/IP
• Streaming Protocol:
♦ AVB (IEEE 1722) – The AP0201AT can be
configured to send H.264 or MJPEG video packets
over IEEE 1722 protocol or RTP protocol.
♦ IEEE 1722 is a layer 2 transport protocol. The
destination MAC address, VLAN number and
stream ID are configurable.
♦ RTP − Real−time Transport Protocol: RTP is
designed for end−to−end transfer of streaming video.
destination ip address, ,received port and MAC
address are configurable.
• Video Compression Protocol:
♦ H.264 – profiles supported: constrained baseline
(intra frames only) and high10intra level required:
up to 5.0 Both Annex B and RFC6184 formatting
are supported.
♦ MJPEG – JPEG compression of YCbCr 4:2:0
images with standard headers or RFC2435 headers.
• Precision Time Protocol:
♦ IEEE 1588−2008 (PTP)
♦ Delay Mechanism
− End−to−End (Multicast)
− Peer−to−Peer (Multicast)
♦ PTP Operational Mode
− Master
− Slave (default)
♦ Best Master Clock (BMC) Algorithm
♦ PTP Supported Messages
− Announce message
− Sync and Follow_Up message
− Delay_Req and Delay_Resp messages
− Pdelay_req and Pdelay_Resp_Follow_Up
messages
− Management message
♦ IEEE 802.1as (gPTP)
• Configuration Protocols
♦ DHCP4 − IP address, Subnet Mask, Domain Name,
and Host Name can be updated via DHCP4
♦ DHCP6
• Custom Diagnostic Protocol − ON Semiconductor
command protocol can be used to retrieve diagnostic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com