Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS696PSM Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS696PSM
Description  Position Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS696PSM Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS696PSM Datasheet HTML 1Page - Allegro MicroSystems ATS696PSM Datasheet HTML 2Page - Allegro MicroSystems ATS696PSM Datasheet HTML 3Page - Allegro MicroSystems ATS696PSM Datasheet HTML 4Page - Allegro MicroSystems ATS696PSM Datasheet HTML 5Page - Allegro MicroSystems ATS696PSM Datasheet HTML 6Page - Allegro MicroSystems ATS696PSM Datasheet HTML 7Page - Allegro MicroSystems ATS696PSM Datasheet HTML 8Page - Allegro MicroSystems ATS696PSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Position Sensor IC
with Speed and Direction Output
ATS696PSM
4
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS: TA and VCC within specification, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
Operating, TJ < TJ(max)
4.5
–
24
V
Supply Current
ICC
–
13
15
mA
Supply Zener Clamp Voltage
VZsupply
ICC = ICC(MAX) + 3 mA
27
–
–
V
Reverse Supply Zener Clamp Voltage
VRZsupply
ICC = –3 mA
–
–
–18
V
POWER-ON CHARACTERISTICS
Power-On State
POS
off (high voltage)
–
Power-On Time
tPO
fOP < 100 Hz, VCC > VCC(MIN)
–
–
1
ms
SLEEP MODE CHARACTERISTICS
Reduced Current Operation Threshold
VSLEEP
Falling voltage threshold to enable reduced
current operation mode
–
3.9
–
V
Reduced Current Consumption
IRED
Current draw while in sleep mode
–
3
–
mA
Normal Current Operation Threshold
VWAKE
Rising voltage threshold to disable reduced
current operation mode
–
4.3
–
V
Reset Threshold
VRST
Falling voltage threshold to cause the part to reset
–
3.5
–
V
Wake-Up Time [1]
tWAKE
–
100
–
μs
OUTPUT STAGE
Output On Voltage
VOUT(SAT)
Output = on state, ISINK = 5 mA
–
–
300
mV
Output = on state, ISINK = 20 mA
–
–
950
mV
Output Off Voltage
VOUT(OFF)
Continuous
–
–
24
V
Output Zener Clamp Voltage
VZoutput
IOUT = 3 mA
27
–
–
V
Output Current Limit
IOUT(LIM)
VOUT = 12 V, TJ < TJ(max)
30
60
80
mA
Output On Current
IOUT(ON)
0
–
25
mA
Output Leakage Current
IOUT(OFF)
VOUT = 18 V, Output = off state (VOUT = High)
–
–
10
µA
Pulse Width (tW) [2]
tW(FWD)
Forward running mode;
measured at 50%; RPU = 1 kΩ,
VPU = 5 V
Option F45
38.3
45
51.7
µs
Option F22
19.3
22.5
25.7
µs
tW(REV)
Reverse running mode;
measured at 50%;
RPU = 1 kΩ, VPU = 5 V
Option R90
76.5
90
103.5
µs
Option R135
114.8
135
155.2
µs
Option R180
153
180
207
µs
Option R45
38.3
45
51.7
µs
Pulse Width Ratio [3]
tW(REV) /
tW(FWD)
VPU = 5 V, RPU = 1 kΩ; measured at 50%
1.7
2.0
2.4
–
Minimum Separation Between
Consecutive Output Pulses
tOUTsep
Includes separation between
pulses during a direction change
Option F45
30.6
36
41.4
µs
Option F22
15.3
18
20.7
µs
Output Rise Time
tr
10%-90%, RPU = 1 kΩ
–
6
–
µs
Output Fall Time
tf
Measured 90% to 10% of
VOUT; VPU = 5 V, RPU = 1 kΩ
Fast Option
0.37
0.70
0.99
µs
Medium Option
1.6
3
4.25
µs
Slow Option
3.09
5.80
8.22
µs
Output Delay Time [4]
td
1 kHz sinusoidal input signal (default fall time option)
14
17
20
µs
[1]
Wake-Up Time is illustrated in Figure 11.
[2]
Pulse widths measured at 50% threshold on both rising and falling edges.
[3]
This is the pulse width ratio for the default pulse width options of tW(FWD) = 45 μs and tW(REV) = 90 μs.
[4]
Time between magnetic signal switchpoint crossing and electrical output signal reaching 90% of VOUT(High).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com