Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS696PSM Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS696PSM
Description  Position Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS696PSM Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS696PSM Datasheet HTML 1Page - Allegro MicroSystems ATS696PSM Datasheet HTML 2Page - Allegro MicroSystems ATS696PSM Datasheet HTML 3Page - Allegro MicroSystems ATS696PSM Datasheet HTML 4Page - Allegro MicroSystems ATS696PSM Datasheet HTML 5Page - Allegro MicroSystems ATS696PSM Datasheet HTML 6Page - Allegro MicroSystems ATS696PSM Datasheet HTML 7Page - Allegro MicroSystems ATS696PSM Datasheet HTML 8Page - Allegro MicroSystems ATS696PSM Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Position Sensor IC
with Speed and Direction Output
ATS696PSM
2
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
PROGRAMMABLE OPTIONS
Name
Available Selections*
Sensor Output Protocol
Pulse Width Option
(Output is the variable pulse width protocol used to
convey speed of rotation and relative direction)
Speed Only Option
(Output is a digital square wave used to determine
speed on rotation; no direction information is provided)
Forward Pulse, tW(FWD), Rotation Direction
Target movement from pin 1 to pin 3
(F Option)
Target movement from pin 3 to pin 1
(R Option)
Output Pulse Location
Pulse opposite tooth with
ferromagnetic target and back-
biasing magnet south pole to
ATS696 rear face
(N Option)
Pulse opposite valley with
ferromagnetic target and back-
biasing magnet south pole to
ATS696 rear face
(S Option)
Pulse opposite both tooth and
valley with ferromagnetic target and
back-biasing magnet
(D Option)
Typical Forward Pulse Width, tW(FWD)
22 μs
(F22 Option)
45 μs
(F45 Option)
Typical Reverse Pulse Width, tW(REV)
45 μs
(R45 Option)
90 μs
(R90 Option)
135 μs
(R135 Option)
180 μs
(R180 Option)
Typical Fall Time (with VPU = 5 V and RPU = 1 kΩ)
1 μs
(Fast Option)
3 μs
(Medium Option)
6 μs
(Slow Option)
Typical Startup Hysteresis
12.5 G
25 G
50 G
100 G
Vibration Recovery
Enabled for 63
consecutive forward
pulses
(S Option)
Enabled for 255
consecutive forward
pulses
(T Option)
Always On
(N Option)
Always Off
(F Option)
Target Type
Standard
(Speed Channel Switchpoint Location: 50%
Required Direction Channel Separation
at Switchpoint: 35%)
Wide Tooth
(Speed Channel Switchpoint
Location: 68.75 %
Required Direction Channel Separation
at Switchpoint: 25%)
Target Profiling Diagnostics
Diagnostics enabled
(D Option)
Diagnostics not available
(NA)
*Not all combinations are available. Contact Allegro sales for pricing and availability of custom programming options.
SELECTION GUIDE
Selected Programmable Option
Standard Option
Pulse
Width
Option
R
N
F45
R90
Medium
25 G
Standard
S
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com