Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS696PSM Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS696PSM
Description  Position Sensor IC with Speed and Direction Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS696PSM Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS696PSM Datasheet HTML 5Page - Allegro MicroSystems ATS696PSM Datasheet HTML 6Page - Allegro MicroSystems ATS696PSM Datasheet HTML 7Page - Allegro MicroSystems ATS696PSM Datasheet HTML 8Page - Allegro MicroSystems ATS696PSM Datasheet HTML 9Page - Allegro MicroSystems ATS696PSM Datasheet HTML 10Page - Allegro MicroSystems ATS696PSM Datasheet HTML 11Page - Allegro MicroSystems ATS696PSM Datasheet HTML 12Page - Allegro MicroSystems ATS696PSM Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Position Sensor IC
with Speed and Direction Output
ATS696PSM
9
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Pulse Occurrence Location
The output pulse can be programmed to occur at the target
mechanical features of either polarity, i.e., at the center of a tooth
(Option N) or at the center of a valley (Option S) with a ferro-
magnetic target.
Switchpoints
The switchpoints of the ATS696 are established dynamically as a
percentage of the amplitude of the internal signal VPROC; see Fig-
ure 5. This is accomplished by using two tracking signals to track
the peaks of each VPROC channel, and the switching thresholds
are established at fixed percentages of the two tracking signals.
Due to the switchpoint thresholds being established dynamically
as a percentage of the peak-to-peak signal, the effect of a signal
shift is minimized. The position of the output switching threshold
on the speed channel is programmable to ensure the most accu-
rate and consistent output switching. Additionally, it allows the
ATS696 to properly detect direction of rotation when used with
targets containing signature regions. A 50% threshold is recom-
mended for standard crank targets, while the other programmable
options allow for functionality on targets with different mechani-
cal geometries.
Operating Modes
STARTUP HYSTERESIS
When the part is powered on, the first mode of operation is
startup hysteresis mode. While in startup hysteresis, the sensor
IC begins to internally detect the magnetic profile of the target.
This operating mode is used to ensure the detected magnetic
signal amplitude exceeds the minimum gauss threshold for the
ATS696 algorithm to function properly. The required magnetic
signal amplitude is programmable such that it can be optimized
for the application, (see the Programmable Options Table). A
forward pulse (tW(FWD)) is given if the magnetic signal amplitude
meets the minimum requirements and the part powered on over a
switching feature.
CALIBRATION MODE
Once it is determined that the magnetic signal amplitude meets
the minimum signal requirements, the ATS696 begins its calibra-
tion. The calibration period allows the internal signal tracking
algorithms to properly acquire the magnetic signals.
While in calibration mode, direction information is not available.
As a result of this, forward output pulses (tW(FWD)) are always
given on speed channel switchpoint crossings, independent of the
true target rotation direction. This pulse width is programmable
to meet specific application requirements (see Programmable
Options table).
RUNNING MODE
After calibration is complete, the target relative rotation direc-
tion information is available. This information is communicated
through the variable pulse-width protocol. While forward rotation
is indicated with pulses of width tW(FWD), reverse rotation is
indicated with pulses of width tW(REV). The width of the forward
pulse (tW(FWD)) and the reverse pulse (tW(FWD)) can be pro-
grammed for application-specific performance optimization (see
Programmable Options table). Additionally, see the Direction
Detection section for a description of the target’s relative direc-
tion of rotation.
In running mode, signal tracking algorithms are employed,
allowing the ATS696 to track signal drift resulting from tempera-
ture changes, as well as the tracking of target variations such as
pole-to-pole variation and runout, while still maintaining high
accuracy output switching.
The ATS696 provides a tolerance to vibration during calibration.
If the part satisfies the calibration criteria on target vibration,
the part will recover once normal rotation begins. The vibration
recovery algorithm allows the part to recover within three periods
(tooth-valley pairs). The quantity of consecutive monodirectional
pulses that vibration recovery is available for is programmable;
see Programmable Options table. For the standard option of 63,
once the 63rd consecutive pulse in a single direction is given,
vibration recovery can no longer be tripped until the part is reset.
Figure 9: Output Pulse Location
Switching Feature
Switching Feature
Ferromagnetic Target
Ferromagnetic Target
Option S
Option N
Output Pulse Stream
tW
tW
Tooth
Tooth
Valley
Valley
Tooth
Tooth
Valley
Valley



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com