Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2A1 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RA2A1
Description  32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2A1 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RA2A1 Datasheet HTML 56Page - Renesas Technology Corp RA2A1 Datasheet HTML 57Page - Renesas Technology Corp RA2A1 Datasheet HTML 58Page - Renesas Technology Corp RA2A1 Datasheet HTML 59Page - Renesas Technology Corp RA2A1 Datasheet HTML 60Page - Renesas Technology Corp RA2A1 Datasheet HTML 61Page - Renesas Technology Corp RA2A1 Datasheet HTML 62Page - Renesas Technology Corp RA2A1 Datasheet HTML 63Page - Renesas Technology Corp RA2A1 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
R01DS0354EJ0110 Rev.1.10
Page 60 of 100
Mar 16, 2020
RA2A1 Datasheet
2. Electrical Characteristics
Figure 2.47
SCI simple SPI mode timing (slave, CKPH = 1)
Figure 2.48
SCI simple SPI mode timing (slave, CKPH = 0)
Table 2.33
SCI timing (3)
Conditions: VCC = AVCC0 = AVCC1 = 2.7 to 5.5 V
Parameter
Symbol
Min
Max
Unit
Test conditions
Simple IIC
(Standard mode)
SDA input rise time
tSr
-
1000
ns
Figure 2.49
SDA input fall time
tSf
-
300
ns
SDA input spike pulse removal time
tSP
04 × tIICcyc*1
ns
Data input setup time
tSDAS
250
-
ns
Data input hold time
tSDAH
0-
ns
SCL, SDA capacitive load
Cb*2
-
400
pF
tDr, tDf
tSU
tH
tLEAD
tTD
tLAG
tSA
MSB IN
DATA
LSB IN
MSB IN
MSB OUT
DATA
LSB OUT
MSB IN
MSB OUT
tOH
tOD
tREL
SSn
input
SCKn
CKPOL = 0
input
SCKn
CKPOL = 1
input
MISOn
output
MOSIn
input
(n = 0, 1, 9)
tDr, tDf
tSA
tOH
tLEAD
tTD
tLAG
tH
LSB OUT
(Last data)
DATA
MSB OUT
MSB IN
DATA
LSB IN
MSB IN
LSB OUT
tSU
tOD
tREL
MSB OUT
SSn
input
SCKn
CKPOL = 1
input
SCKn
CKPOL = 0
input
MISOn
output
MOSIn
input
(n = 0, 1, 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com