Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2A1 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RA2A1
Description  32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2A1 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RA2A1 Datasheet HTML 17Page - Renesas Technology Corp RA2A1 Datasheet HTML 18Page - Renesas Technology Corp RA2A1 Datasheet HTML 19Page - Renesas Technology Corp RA2A1 Datasheet HTML 20Page - Renesas Technology Corp RA2A1 Datasheet HTML 21Page - Renesas Technology Corp RA2A1 Datasheet HTML 22Page - Renesas Technology Corp RA2A1 Datasheet HTML 23Page - Renesas Technology Corp RA2A1 Datasheet HTML 24Page - Renesas Technology Corp RA2A1 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
R01DS0354EJ0110 Rev.1.10
Page 21 of 100
Mar 16, 2020
RA2A1 Datasheet
2. Electrical Characteristics
Note 1.
Use AVCC0, AVCC1, and VCC under the following conditions:
AVCC0, AVCC1, and VCC can be set individually within the operating range when VCC ≥ 2.2 V and AVCC0 = AVCC1 ≥ 2.2 V.
AVCC0 = AVCC1 = VCC when VCC < 2.2 V or AVCC0 = AVCC1 < 2.2 V.
Note 2.
When powering on the VCC and AVCC0 and AVCC1 pins, power them on at the same time or the VCC pin first and then the
AVCC0 and AVCC1 pins.
Note 3.
The condition when using external input for the reference voltage of SDADC24.
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL
+ ICCmax × VCC.
Note 1.
The upper limit of operating temperature is 85°C or 105°C, depending on the product. For details, see section 1.3, Part
Numbering. If the part number shows the operation temperature at 85°C, then the maximum value of Tj is 105°C, otherwise it is
125°C.
USB power supply voltages
VCC_USB
When USBFS is not
used
-VCC
-V
When USBFS is used
USB Regulator
Disable
(Input)
3.0
3.3
3.6
V
VCC_USB_LDO
When USBFS is not
used
-VCC
-V
When USBFS is used
USB Regulator
Disable
-VCC
-V
When USBFS is used
USB Regulator
Enable
3.8
-
5.5
V
VSS_USB
-
0
-
V
Analog power supply voltages
AVCC0*1, *2
1.6
-
5.5
V
AVSS0
-
0
-
V
AVCC1*1, *2
-AVCC0
-V
AVSS1
-
0
-
V
VREFH0
When used as
ADC16 Reference
1.7
-
AVCC0
V
VREFL0
-
0
-
V
VREFH
When used as
DAC12 Reference
1.7
-
AVCC0
V
VREFL
-
0
-
V
VREFI
When used as
SDADC24
Reference*3
0.8
-
2.4
V
Table 2.3
DC characteristics
Conditions: Products with operating temperature (Ta) -40 to +105°C
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
-
125
°C
High-speed mode
Middle-speed mode
Low-voltage mode
Low-speed mode
SubOSC-speed mode
105*1
Table 2.2
Recommended operating conditions (2 of 2)
Parameter
Symbol
Value
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com