Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2A1 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # RA2A1
Description  32-Bit MCU Renesas Advanced (RA) Family Renesas RA2 Series
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2A1 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button RA2A1 Datasheet HTML 20Page - Renesas Technology Corp RA2A1 Datasheet HTML 21Page - Renesas Technology Corp RA2A1 Datasheet HTML 22Page - Renesas Technology Corp RA2A1 Datasheet HTML 23Page - Renesas Technology Corp RA2A1 Datasheet HTML 24Page - Renesas Technology Corp RA2A1 Datasheet HTML 25Page - Renesas Technology Corp RA2A1 Datasheet HTML 26Page - Renesas Technology Corp RA2A1 Datasheet HTML 27Page - Renesas Technology Corp RA2A1 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
R01DS0354EJ0110 Rev.1.10
Page 24 of 100
Mar 16, 2020
RA2A1 Datasheet
2. Electrical Characteristics
2.2.4
I/O VOH, VOL, and Other Characteristics
Note 1.
SCL0_A, SCL0_B, SCL0_C, SDA0_A, SDA0_B, SDA0_C, SCL1_A, SCL1_B, SCL1_C, SDA1_A, SDA1_B, SDA1_C, SDA1_D
(total 13 pins).
Note 2.
This is the value when middle driving ability is selected with the Port Drive Capability bit in the PmnPFS register.
Note 3.
Based on characterization data, not tested in production.
Note 4.
Except for P200, P214, P215, which are input ports.
Note 5.
This is the value when middle driving ability for IIC and SPI is selected with the Port Drive Capability bit in PmnPFS register for
P407, P408, and P409.
Note 6.
Except for P212, P213.
Table 2.6
I/O VOH, VOL (1)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VCC_USB_LDO = 4.0 to 5.5 V
Parameter
Symbol
Min
Typ
Max Unit
Test conditions
Output voltage
IIC*1
VOL
--
0.4
V
IOL = 3.0 mA
VOL*2,*5 --
0.6
IOL = 6.0 mA
Ports P407, P408,
P409
Low drive
VOH
VCC - 0.8
-
-
IOH = -2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Middle drive for IIC
Fast mode and SPI*5
VOH
VCC - 0.8
-
-
IOH = -4.0 mA
VOL
--
0.8
IOL = 4.0 mA
Middle drive*2,*3
VOH
VCC - 1.0
-
-
IOH = -20 mA
VOL
--
1.0
IOL = 20 mA
Ports P002, P003,
P012 to P015,
P500 to P502
Low drive
VOH
AVCC0 - 0.8
-
-
IOH = -2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Middle drive
VOH
AVCC0 - 0.8
-
-
IOH = -4.0 mA
VOL
--
0.8
IOL = 4.0 mA
Ports P100 to P107
Low drive
VOH
AVCC1 - 0.8
-
-
IOH = -2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Middle drive
VOH
AVCC1 - 0.8
-
-
IOH = -4.0 mA
VOL
--
0.8
IOL = 4.0 mA
Ports P914, P915
VOH
VCC_USB - 0.8
-
-
IOH = -2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Other output pins*4
Low drive
VOH
VCC - 0.8
-
-
IOH = -2.0 mA
VOL
--
0.8
IOL = 2.0 mA
Middle drive*6
VOH
VCC - 0.8
-
-
IOH = -4.0 mA
VOL
--
0.8
IOL = 4.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com