Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 28Page - Renesas Technology Corp RA4M1 Datasheet HTML 29Page - Renesas Technology Corp RA4M1 Datasheet HTML 30Page - Renesas Technology Corp RA4M1 Datasheet HTML 31Page - Renesas Technology Corp RA4M1 Datasheet HTML 32Page - Renesas Technology Corp RA4M1 Datasheet HTML 33Page - Renesas Technology Corp RA4M1 Datasheet HTML 34Page - Renesas Technology Corp RA4M1 Datasheet HTML 35Page - Renesas Technology Corp RA4M1 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 32 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
2.2.3
I/O IOH, IOL
Table 2.6
I/O IOH, IOL (1 of 2)
Conditions: VCC = AVCC0 = VCC_USB = VCC_USB_LCO = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Permissible output current
(average value per pin)
Ports P212, P213
-
IOH
---4.0
mA
IOL
--4.0
mA
Port P408
Low drive*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive for IIC
Fast-mode*4
VCC = 2.7 to 5.5 V
IOH
---8.0
mA
IOL
--8.0
mA
Middle drive*2
VCC = 3.0 to 5.5 V
IOH
---20.0
mA
IOL
--20.0
mA
Port P409
Low drive
*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive
*2
VCC = 2.7 to 3.0 V
IOH
---8.0
mA
IOL
--8.0
mA
Middle drive
*2
VCC = 3.0 to 5.5 V
IOH
---20.0
mA
IOL
--20.0
mA
Ports P100 to P115,
P201 to P204, P300 to P307,
P500 to P503, P600 to P603,
P608 to P610, P808, P809
(total 41 pins)
Low drive
*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive
*2
IOH
---4.0
mA
IOL
--8.0
mA
Ports P914, P915
-
IOH
---4.0
mA
IOL
--4.0
mA
Other output pin
*3
Low drive
*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive
*2
IOH
---8.0
mA
IOL
--8.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com