Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 3Page - Renesas Technology Corp RA4M1 Datasheet HTML 4Page - Renesas Technology Corp RA4M1 Datasheet HTML 5Page - Renesas Technology Corp RA4M1 Datasheet HTML 6Page - Renesas Technology Corp RA4M1 Datasheet HTML 7Page - Renesas Technology Corp RA4M1 Datasheet HTML 8Page - Renesas Technology Corp RA4M1 Datasheet HTML 9Page - Renesas Technology Corp RA4M1 Datasheet HTML 10Page - Renesas Technology Corp RA4M1 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 7 of 130
Oct 8, 2019
RA4M1 Group
1. Overview
USB 2.0 Full-Speed Module (USBFS) The USB 2.0 Full-Speed Module (USBFS) can operate as a host controller or device controller.
The module supports full-speed and low-speed (only for the host controller) transfer as defined
in the Universal Serial Bus Specification 2.0. The module has an internal USB transceiver and
supports all of the transfer types defined in the Universal Serial Bus Specification 2.0. The USB
has buffer memory for data transfer, providing a maximum of 10 pipes. Pipes 1 to 9 can be
assigned any endpoint number based on the peripheral devices used for communication or
based on the user system. The MCU supports revision 1.2 of the Battery Charging
specification. Because the MCU can be powered at 5 V, the USB LDO regulator provides the
internal USB transceiver power supply at 3.3 V. See section 27, USB 2.0 Full-Speed Module
(USBFS) in User’s Manual.
Table 1.8
Analog
Feature
Functional description
14-bit A/D Converter (ADC14)
A 14-bit successive approximation A/D converter is provided. Up to 25 analog input channels
are selectable. Temperature sensor output and internal reference voltage are selectable for
conversion. The A/D conversion accuracy is selectable from 12-bit and 14-bit conversion
making it possible to optimize the tradeoff between speed and resolution in generating a digital
value. See section 35, 14-Bit A/D Converter (ADC14) in User’s Manual.
12-Bit D/A Converter (DAC12)
The 12-Bit D/A Converter (DAC12) converts data and includes an output amplifier. See section
36, 12-Bit D/A Converter (DAC12) in User’s Manual.
8-Bit D/A Converter (DAC8)
for ACMPLP
The 8-Bit D/A Converter (DAC8) converts data and does not include an output amplifier
(DAC8). The DAC8 is used only as the reference voltage for ACMPLP. See section 40, 8-Bit D/
A Converter (DAC8) in User’s Manual.
Temperature Sensor (TSN)
The on-chip Temperature Sensor (TSN) determines and monitors the die temperature for
reliable operation of the device. The sensor outputs a voltage directly proportional to the die
temperature, and the relationship between the die temperature and the output voltage is linear.
The output voltage is provided to the ADC14 for conversion and can be further used by the end
application. See section 37, Temperature Sensor (TSN) in User’s Manual.
Low-Power Analog Comparator
(ACMPLP)
The Low-Power Analog Comparator (ACMPLP) compares the reference input voltage and
analog input voltage. The comparison result can be read through software and also be output
externally. The reference voltage can be selected from an input to the CMPREFi(i = 0,1) pin,
an internal 8-bit D/A converter output, or the internal reference voltage (Vref) generated
internally in the MCU.
The ACMPLP response speed can be set before starting an operation. Setting the high-speed
mode decreases the response delay time, but increases current consumption. Setting the low-
speed mode increases the response delay time, but decreases current consumption. See
section 39, Low-Power Analog Comparator (ACMPLP) in User’s Manual.
Operational Amplifier (OPAMP)
The Operational Amplifier (OPAMP) amplifies small analog input voltages and outputs the
amplified voltages. A total of four differential operational amplifier units with two input pins and
one output pin are provided. See section 38, Operational Amplifier (OPAMP) in User’s Manual.
Table 1.9
Human machine interfaces
Feature
Functional description
Segment LCD Controller (SLCDC)
The Segment LCD Controller (SLCDC) provides the following functions:
 Waveform A or B selectable
 The LCD driver voltage generator can switch between an internal voltage boosting method,
a capacitor split method, and an external resistance division method
 Automatic output of segment and common signals based on automatic display data register
read
 The reference voltage generated when operating the voltage boost circuit can be selected in
16 steps (contrast adjustment)
 The LCD can be made to blink.
See section 45, Segment LCD Controller (SLCDC) in User’s Manual.
Capacitive Touch Sensing Unit
(CTSU)
The Capacitive Touch Sensing Unit (CTSU) measures the electrostatic capacitance of the
touch sensor. Changes in the electrostatic capacitance are determined by software, which
enables the CTSU to detect whether a finger is in contact with the touch sensor. The electrode
surface of the touch sensor is usually enclosed within an electrical insulator so that fingers do
not come into direct contact with the electrode. See section 41, Capacitive Touch Sensing Unit
(CTSU) in User’s Manual.
Table 1.7
Communication interfaces (2 of 2)
Feature
Functional description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com