Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 78Page - Renesas Technology Corp RA4M1 Datasheet HTML 79Page - Renesas Technology Corp RA4M1 Datasheet HTML 80Page - Renesas Technology Corp RA4M1 Datasheet HTML 81Page - Renesas Technology Corp RA4M1 Datasheet HTML 82Page - Renesas Technology Corp RA4M1 Datasheet HTML 83Page - Renesas Technology Corp RA4M1 Datasheet HTML 84Page - Renesas Technology Corp RA4M1 Datasheet HTML 85Page - Renesas Technology Corp RA4M1 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 82 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
2.3.11
SSIE Timing
Figure 2.60
SSIE clock input/output timing
Table 2.38
SSIE timing
Conditions: VCC = 1.6 to 5.5 V
Parameter
Symbol
Min
Max
Unit
Test conditions
SSIE
AUDIO_CLK input
frequency
2.7 V or above
tAUDIO
-25
MHz
-
1.6 V or above
-
4
Output clock period
tO
250
-
ns
Figure 2.60
Input clock period
tI
250
-
ns
Clock high pulse
width
1.8 V or above
tHC
100
-
ns
1.6 V or above
200
-
Clock low pulse
width
1.8 V or above
tLC
100
-
ns
1.6 V or above
200
-
Clock rise time
tRC
-25
ns
Data delay
2.7 V or above
tDTR
-65
ns
Figure 2.61,
Figure 2.62
1.8 V or above
-
105
1.6 V or above
-
140
Set-up time
2.7 V or above
tSR
65
-
ns
1.8 V or above
90
-
1.6 V or above
140
-
Hold time
tHTR
40
-
ns
SSITXD0 output
delay from
SSILRCK0/SSIFS0
change time
1.8 V or above
TDTRW
-
105
ns
Figure 2.63
1.6 V or above
-
140
SSIBCK0
tHC
tLC
tRC
tI, tO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com