Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # RA4M1
Description  High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4M1 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button RA4M1 Datasheet HTML 97Page - Renesas Technology Corp RA4M1 Datasheet HTML 98Page - Renesas Technology Corp RA4M1 Datasheet HTML 99Page - Renesas Technology Corp RA4M1 Datasheet HTML 100Page - Renesas Technology Corp RA4M1 Datasheet HTML 101Page - Renesas Technology Corp RA4M1 Datasheet HTML 102Page - Renesas Technology Corp RA4M1 Datasheet HTML 103Page - Renesas Technology Corp RA4M1 Datasheet HTML 104Page - Renesas Technology Corp RA4M1 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 130 page
background image
R01DS0355EJ0100 Rev.1.00
Page 101 of 130
Oct 8, 2019
RA4M1 Group
2. Electrical Characteristics
Note 1.
When OFS1.LVDAS = 0.
Note 2.
When OFS1.LVDAS = 1.
Note 3.
The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection levels VPOR,
Vdet0, Vdet1, and Vdet2 for the POR/LVD.
Figure 2.73
Voltage detection reset timing
Table 2.57
Power-on reset circuit and voltage detection circuit characteristics (2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Wait time after power-on
reset cancellation
LVD0:enable
tPOR
-1.7
-
ms
-
LVD0:disable
tPOR
-1.3
-
ms
-
Wait time after voltage
monitor 0,1,2 reset
cancellation
LVD0:enable*1
tLVD0,1,2
-0.6
-
ms
-
LVD0:disable*2
tLVD1,2
-0.2
-
ms
-
Response delay*3
tdet
-
-
350
μs
Figure 2.73,
Figure 2.74
Minimum VCC down time
tVOFF
450
-
-
μs
Figure 2.73,
VCC = 1.0 V or above
Power-on reset enable time
tW (POR)
1-
-
ms
Figure 2.74,
VCC = below 1.0 V
LVD operation stabilization time (after LVD is
enabled)
Td (E-A)
-
-
300
μs
Figure 2.76,
Figure 2.77
Hysteresis width (POR)
VPORH
-110
-
mV
-
Hysteresis width (LVD0, LVD1 and LVD2)
VLVH
-
60
-
mV
LVD0 selected
-
100
-
mV
Vdet1_0 to Vdet1_2 selected.
-60
-
Vdet1_3 to Vdet1_9 selected.
-50
-
Vdet1_A or Vdet1_B selected.
-40
-
Vdet1_C or Vdet1_F selected.
-
60
-
LVD2 selected
Internal reset signal
(active-low)
VCC
tVOFF
tPOR
tdet
VPOR
tdet
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com