Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56519FDFB Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F56519FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFB Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F56519FDFB Datasheet HTML 29Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 30Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 31Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 32Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 33Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 34Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 35Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 36Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 33 of 246
Jun 20, 2019
1.5
Pin Assignments
Figure 1.3 to Figure 1.11 show the pin assignments. Table 1.5 to Table 1.12 show the lists of pins and pin functions.
Figure 1.3
Pin Assignment (177-Pin TFLGA)
AB
C
D
E
F
G
H
J
K
L
M
N
P
R
15
PE2
PE3
P70
P65
P67
VSS
VCC
PG7
PA6
PB0
P72
PB4
VSS
VCC
PC1
15
14
PE1
PE0
VSS
PE7
PG3
PA0
PA1
PA2
PA7
VCC
PB1
PB5
P73
P75
P74
14
13
P63
P64
PE4
VCC
PG2
PG4
PG6
PA3
VSS
P71
PB3
PB7
PC0
PC2
P76
13
12
P60
VSS
P62
PE5
PE6
P66
PG5
PA4
PA5
PB2
PB6
P77
PC3
PC4
P80
12
11
PD6
PG1
VCC
P61
RX65N Group, RX651 Group
PTLG0177KA-A
(177-Pin TFLGA)
(Upper Perspective View)
P81
P82
PC6
VCC
11
10
P97
PD4
PG0
PD7
PC5
PC7
P83
VSS
10
9
VCC
P96
PD3
PD5
P50
P51
P52
P53
9
8
P94
PD1
PD2
VSS
P55
P54
P10
P11
8
7
VSS
P92
PD0
P95
P85
P84
P57
P56
7
6
VCC
P91
P90
P93
PJ1
PJ0
VSS_
USB
USB0_
DP
6
5
P46
P47
P45
P44
NC
PJ2
P12
VCC_
USB
USB0_
DM
5
4
P42
P41
P43
P00
VSS
BSCANP
PF4
P35
PF3
PF1
P25
P86
P15
P14
P13
4
3 VREFL0
P40
VREFH0
P03
PF5
PJ3
MD/
FINED
RES#
P34
PF2
PF0
P24
P22
P87
P16
3
2 AVCC0
P07
AVCC1
P02
EMLE
VCL
XCOUT
VSS
VCC
P32
P30
P26
P23
P17
P20
2
1 AVSS0
P05
AVSS1
P01
PJ5
VBATT
XCIN
XTAL
EXTAL
P33
P31
P27
VCC
VSS
P21
1
AB
C
D
E
F
G
H
J
K
L
M
N
P
R
Note:
This figure indicates the power supply pins and I/O port pins. For the pin configuration,
see Table 1.5, List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com