Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56519FDFB Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R5F56519FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFB Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R5F56519FDFB Datasheet HTML 93Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 94Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 95Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 96Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 97Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 98Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 99Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 100Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 246 page
background image
R01DS0276EJ0230 Rev.2.30
Page 97 of 246
Jun 20, 2019
RX65N Group, RX651 Group
4. I/O Registers
0008 2140h
DMAC5 DMA Source Address Register
DMSAR
32
32
2 ICLK
DMACAa
0008 2144h
DMAC5 DMA Destination Address Register
DMDAR
32
32
2 ICLK
DMACAa
0008 2148h
DMAC5 DMA Transfer Count Register
DMCRA
32
32
2 ICLK
DMACAa
0008 214Ch
DMAC5 DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
DMACAa
0008 2150h
DMAC5 DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
DMACAa
0008 2153h
DMAC5 DMA Interrupt Setting Register
DMINT
8
8
2 ICLK
DMACAa
0008 2154h
DMAC5 DMA Address Mode Register
DMAMD
16
16
2 ICLK
DMACAa
0008 215Ch
DMAC5 DMA Transfer Enable Register
DMCNT
8
8
2 ICLK
DMACAa
0008 215Dh
DMAC5 DMA Software Start Register
DMREQ
8
8
2 ICLK
DMACAa
0008 215Eh
DMAC5 DMA Status Register
DMSTS
8
8
2 ICLK
DMACAa
0008 215Fh
DMAC5 DMA Request Source Flag Control Register
DMCSL
8
8
2 ICLK
DMACAa
0008 2180h
DMAC6 DMA Source Address Register
DMSAR
32
32
2 ICLK
DMACAa
0008 2184h
DMAC6 DMA Destination Address Register
DMDAR
32
32
2 ICLK
DMACAa
0008 2188h
DMAC6 DMA Transfer Count Register
DMCRA
32
32
2 ICLK
DMACAa
0008 218Ch
DMAC6 DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
DMACAa
0008 2190h
DMAC6 DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
DMACAa
0008 2193h
DMAC6 DMA Interrupt Setting Register
DMINT
8
8
2 ICLK
DMACAa
0008 2194h
DMAC6 DMA Address Mode Register
DMAMD
16
16
2 ICLK
DMACAa
0008 219Ch
DMAC6 DMA Transfer Enable Register
DMCNT
8
8
2 ICLK
DMACAa
0008 219Dh
DMAC6 DMA Software Start Register
DMREQ
8
8
2 ICLK
DMACAa
0008 219Eh
DMAC6 DMA Status Register
DMSTS
8
8
2 ICLK
DMACAa
0008 219Fh
DMAC6 DMA Request Source Flag Control Register
DMCSL
8
8
2 ICLK
DMACAa
0008 21C0h
DMAC7 DMA Source Address Register
DMSAR
32
32
2 ICLK
DMACAa
0008 21C4h
DMAC7 DMA Destination Address Register
DMDAR
32
32
2 ICLK
DMACAa
0008 21C8h
DMAC7 DMA Transfer Count Register
DMCRA
32
32
2 ICLK
DMACAa
0008 21CCh
DMAC7 DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
DMACAa
0008 21D0h
DMAC7 DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
DMACAa
0008 21D3h
DMAC7 DMA Interrupt Setting Register
DMINT
8
8
2 ICLK
DMACAa
0008 21D4h
DMAC7 DMA Address Mode Register
DMAMD
16
16
2 ICLK
DMACAa
0008 21DCh
DMAC7 DMA Transfer Enable Register
DMCNT
8
8
2 ICLK
DMACAa
0008 21DDh
DMAC7 DMA Software Start Register
DMREQ
8
8
2 ICLK
DMACAa
0008 21DEh
DMAC7 DMA Status Register
DMSTS
8
8
2 ICLK
DMACAa
0008 21DFh
DMAC7 DMA Request Source Flag Control Register
DMCSL
8
8
2 ICLK
DMACAa
0008 2200h
DMAC
DMAC Module Start Register
DMAST
8
8
2 ICLK
DMACAa
0008 2204h
DMAC
DMAC74 Interrupt Status Monitor Register
DMIST
8
8
2 ICLK
DMACAa
0008 2400h
DTC
DTC Control Register
DTCCR
8
8
2 ICLK
DTCb
0008 2404h
DTC
DTC Vector Base Register
DTCVBR
32
32
2 ICLK
DTCb
0008 2408h
DTC
DTC Address Mode Register
DTCADMOD
8
8
2 ICLK
DTCb
0008 240Ch
DTC
DTC Module Start Register
DTCST
8
8
2 ICLK
DTCb
0008 240Eh
DTC
DTC Status Register
DTCSTS
16
16
2 ICLK
DTCb
0008 2410h
DTC
DTC Index Table Base Register
DTCIBR
32
32
2 ICLK
DTCb
0008 2414h
DTC
DTC Operation Register
DTCOR
8
8
2 ICLK
DTCb
0008 2416h
DTC
DTC Sequence Transfer Enable Register
DTCSQE
16
16
2 ICLK
DTCb
0008 2418h
DTC
DTC Address Displacement Register
DTCDISP
32
32
2 ICLK
DTCb
0008 2800h
EXDMA
C0
EXDMA Source Address Register
EDMSAR
32
32
1, 2 BCLK
EXDMAC
a
0008 2804h
EXDMA
C0
EXDMA Destination Address Register
EDMDAR
32
32
1, 2 BCLK
EXDMAC
a
0008 2808h
EXDMA
C0
EXDMA Transfer Count Register
EDMCRA
32
32
1, 2 BCLK
EXDMAC
a
Table 4.1
List of I/O Registers (Address Order) (4 / 60)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK ≥ PCLK
ICLK < PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com