Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56519FDFB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F56519FDFB
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFB Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F56519FDFB Datasheet HTML 1Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 2Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 3Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 4Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 5Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 6Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 7Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 8Page - Renesas Technology Corp R5F56519FDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 2 of 246
Jun 20, 2019
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 give a comparison of the functions of products in different
packages.
Table 1.1 is an outline of maximum specifications, and the peripheral modules and the number of channels of the
modules differ depending on the number of pins on the package and the capacity of the code flash memory. For details,
see Table 1.2, Code Flash Memory Capacity and Comparison of Functions for Different Packages.
Table 1.1
Outline of Specifications (1/10)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 120 MHz
 32-bit RX CPU (RXv2)
 Minimum instruction execution time: One instruction per state (cycle of the system
clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Ten 32-bit registers
Accumulator: Two 72-bit registers
 Basic instructions: 75
 Floating-point instructions: 11
 DSP instructions: 23
 Addressing modes: 11
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 × 32 → 64 bits
 On-chip divider: 32 / 32 → 32 bits
 Barrel shifter: 32 bits
FPU
 Single precision (32-bit) floating point
 Data types and floating-point exceptions in conformance with the IEEE754 standard
Memory
Code flash memory
 Capacity: 512 Kbytes/768 Kbytes/1 Mbyte/1.5 Mbytes/2 Mbytes
 50 MHz  No-wait cycle access
100 MHz
 1-wait cycle access
100 MHz
 2-wait cycle access
 Instructions hitting the ROM cache or operand = 120 MHz: No-wait access
 On-board programming: Four types
 Off-board programming (parallel programmer mode)
 Instructions are executable only for the program stored in the TM target area by using
the Trusted Memory (TM) function and protection against data reading is realized.
 A dual-bank structure allows programming during reading or exchanging the start-up
areas
Data flash memory
 Capacity: 32 Kbytes
 Programming/erasing: 100,000 times
Unique ID
 16-byte unique ID for the device
RAM
 Capacity: 256 Kbytes (Products with 1 Mbyte of code flash memory or less)
RAM: 256 Kbytes
 Capacity: 640 Kbytes (Products with at least 1.5 Mbytes of code flash memory)
RAM: 256 Kbytes
Expansion RAM: 384 Kbytes
 120 MHz, no-wait access
Standby RAM
 Capacity: 8 Kbytes
 Operation synchronized with PCLKB: Up to 60 MHz, two-cycle access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com