Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56519FDFP Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 53Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 54Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 55Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 56Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 57Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 58Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 59Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 60Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 57 of 246
Jun 20, 2019
Note 1. P53 is multiplexed with the BCLK pin function, so cannot be used as an I/O port pin when the external bus is enabled.
160
P92
D18/A18
POE4#
RXD7/SMISO7/
SSCL7
AN116
161
P91
D17/A17
SCK7
AN115
162
VSS
163
P90
D16/A16
TXD7/SMOSI7/
SSDA7
AN114
164
VCC
165
P47
IRQ15-
DS
AN007
166
P46
IRQ14-
DS
AN006
167
P45
IRQ13-
DS
AN005
168
P44
IRQ12-
DS
AN004
169
P43
IRQ11-
DS
AN003
170
P42
IRQ10-
DS
AN002
171
P41
IRQ9-DS
AN001
172
VREFL0
173
P40
IRQ8-DS
AN000
174
VREFH0
175
AVCC0
176
P07
IRQ15
ADTRG0
#
Table 1.6
List of Pin and Pin Functions (176-Pin LFQFP) (8/8)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
176-Pin
LFQFP
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF, PDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com