Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56519FDFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 9Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 10Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 11Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 12Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 13Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 14Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 15Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 16Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 13 of 246
Jun 20, 2019
Note 1. Only supports the function controller.
Note 2. Not provided on the 64-pin TFBGA.
Note 3. Regarding the public release of this module, an exchange of non-disclosure agreement is necessary. For details, contact your
Renesas sales agency.
Communication
function
MMC host interface
Available
Not
available
Available
Not
available
Parallel data capture unit
Available
Not available
Available
Not available
Graphics
Graphic-LCD controller
Not available
Available
Not
available
2D drawing engine
Not available
Available
Not
available
12-bit A/D converter
AN000 to
007 (unit
0: 8
channels)
AN100 to
120
(unit 1:
21
channels)
AN000 to
007
(unit 0: 8
channels)
AN100 to
113
(unit 1:
14
channels)
AN000 to
003
(unit 0: 4
channels)
AN106,
107, 110
to 113
(unit 1: 6
channels)
AN000 to 007
(unit 0: 8 channels)
AN100 to 120
(unit 1: 21 channels)
AN000 to
007
(unit 0: 8
channels)
AN100 to
113
(unit 1:
14
channels)
AN000 to
003
(unit 0: 4
channels)
AN106,
107, 110
to 113
(unit 1: 6
channels)
12-bit D/A converter
Ch. 0 and 1
Ch. 1*2
Ch. 0 and 1
Ch. 1*2
Temperature sensor
Available
CRC calculator
Available
Data operation circuit
Available
Clock frequency accuracy measurement circuit
Available
Encryption
AES
Available*3
Incorporated in the Trusted Secure IP
RNG
Available*3
Incorporated in the Trusted Secure IP
Trusted Secure IP
Not available
Available
Event link controller
Available
Off-board programming
(parallel programmer mode)
Available
Not avail-
able
Available
Not avail-
able
Table 1.2
Code Flash Memory Capacity and Comparison of Functions for Different Packages (2/2)
Functions
Products
Products with 1 Mbyte of code
flash memory or less
Products with at least 1.5 Mbytes of code
flash memory
Package 145 Pins,
144 Pins
100 Pins
64 Pins
177 Pins,
176 Pins
145 Pins,
144 Pins
100 Pins
64 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com