Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F56519FDFP Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R5F56519FDFP
Description  Max. operating frequency: 120 MHz Capable of 240 DMIPS in operation at 120 MHz
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56519FDFP Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R5F56519FDFP Datasheet HTML 76Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 77Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 78Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 79Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 80Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 81Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 82Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 83Page - Renesas Technology Corp R5F56519FDFP Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 246 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0230 Rev.2.30
Page 80 of 246
Jun 20, 2019
60
VCC
61
PB0
A8
MTIC5W/
TIOCA3/PO24
ET0_ERXD1/
RMII0_RXD1/
RXD6/SMISO6/
SSCL6
LCD_DA
TA0-B*1
IRQ12
62
VSS
63
PA7
A7
TIOCB2/PO23
ET0_WOL/
MISOA-B
LCD_DA
TA1-B*1
64
PA6
A6
MTIC5V/
MTCLKB/
TIOCA2/
TMCI3/PO22/
POE10#
ET0_EXOUT/
CTS5#/RTS5#/
SS5#/MOSIA-B
LCD_DA
TA2-B*1
65
PA5
A5
MTIOC6B/
TIOCB1/PO21
ET0_LINKSTA/
RSPCKA-B
LCD_DA
TA3-B*1
66
PA4
A4
MTIC5U/
MTCLKA/
TIOCA1/
TMRI0/PO20
ET0_MDC/TXD5/
SMOSI5/SSDA5/
SSLA0-B
LCD_DA
TA4-B*1
IRQ5-DS
67
PA3
A3
MTIOC0D/
MTCLKD/
TIOCD0/
TCLKB/PO19
ET0_MDIO/
RXD5/SMISO5/
SSCL5
LCD_DA
TA5-B*1
IRQ6-DS
68
PA2
A2
MTIOC7A/
PO18
RXD5/SMISO5/
SSCL5/SSLA3-B
LCD_DA
TA6-B*1
69
PA1
A1
MTIOC0B/
MTCLKC/
MTIOC7B/
TIOCB0/PO17
ET0_WOL/
SCK5/SSLA2-B
LCD_DA
TA7-B*1
IRQ11
70
PA0
BC0#/A0
MTIOC4A/
MTIOC6D/
TIOCA0/PO16/
CACREF
ET0_TX_EN/
RMII0_TXD_EN/
SSLA1-B
LCD_DA
TA8-B*1
71
PE7
D15[A15/
D15]/D7[A7/
D7]*1
MTIOC6A/
TOC1
MISOB-B
SDHI_WP/
MMC_RES#-B
LCD_DA
TA9-B*1
IRQ7
AN105
72
PE6
D14[A14/
D14]/D6[A6/
D6]*1
MTIOC6C/TIC1
MOSIB-B
SDHI_CD/
MMC_CD-B
LCD_DA
TA10-B*1
IRQ6
AN104
73
PE5
D13[A13/
D13]/D5[A5/
D5]*1
MTIOC4C/
MTIOC2B
ET0_RX_CLK/
REF50CK0/
RSPCKB-B
LCD_DA
TA11-B*1
IRQ5
AN103
74
PE4
D12[A12/
D12]/D4[A4/
D4]*1
MTIOC4D/
MTIOC1A/
PO28
ET0_ERXD2/
SSLB0-B
LCD_DA
TA12-B*1
AN102
75
PE3
D11[A11/
D11]/D3[A3/
D3]*1
MTIOC4B/
PO26/TOC3/
POE8#
ET0_ERXD3/
CTS12#/
RTS12#/SS12#
MMC_D7-B
LCD_DA
TA13-B*1
AN101
76
PE2
D10[A10/
D10]/D2[A2/
D2]*1
MTIOC4A/
PO23/TIC3
RXD12/
SMISO12/
SSCL12/
RXDX12/SSLB3-
B
MMC_D6-B
LCD_DA
TA14-B*1
IRQ7-DS
AN100
77
PE1
D9[A9/D9]/
D1[A1/D1]*1
MTIOC4C/
MTIOC3B/
PO18
TXD12/
SMOSI12/
SSDA12/
TXDX12/
SIOX12/SSLB2-
B
MMC_D5-B
LCD_DA
TA15-B*1
ANEX1
78
PE0
D8[A8/D8]/
D0[A0/D0]*1
MTIOC3D
SCK12/SSLB1-B
MMC_D4-B
LCD_DA
TA16-B*1
ANEX0
Table 1.10
List of Pin and Pin Functions (100-Pin LFQFP) (4/5)
Pin
Number
Power Supply
Clock System
Control
I/O Port
Bus
EXDMAC
SDRAMC
Timer
Communication
Memory Interface
Camera Interface
GLCDC
Interrupt
A/D
D/A
100-Pin
LFQFP
(MTU, TPU,
TMR, PPG,
RTC, CMTW,
POE, CAC)
(ETHERC, SCI,
RSPI, RIIC,
CAN, USB)
(QSPI, SDHI, SDSI,
MMCIF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com