Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7331 Datasheet(PDF) 1 Page - 3M Electronics

Part # 7331
Description  3MTM Gamma Stable Medical Fastener
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7331 Datasheet(HTML) 1 Page - 3M Electronics

  7331 Datasheet HTML 1Page - 3M Electronics 7331 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2010 All Rights Reserved.
Technical Information Sheet
3M
TM Gamma Stable Medical Fastener
#7331, Gamma Stable Loop Fastener with Adhesive
Effective Date: November 2010
Supersedes all previous information sheets
Product Description:
3M #7331 is a gamma-stable nylon loop fastener laminated to a high tack, synthetic rubber-
based adhesive designed for medical construction and stick-to-skin applications. The
fastener tape is currently supplied on a two-side siliconized, paper release liner with basis
weight of 54 pounds.
Features and Benefits:
-
Aggressive Adhesion to Films & Nonwovens
-
Thin and Conformable
-
Medical Device Construction & Closures
-
No Natural Rubber Latex
-
Approved for Stick-to-skin Applications
-
Designed for Disposables
-
EtO & Gamma Sterilization Compatible
-
For use with #7332 or #7333 Hook
Composition:
Tape Thickness, no liner
14 mils (0.36 mm) typical
Loop Closure
Nylon knitted loop laminated to a clear polyethylene
film base
Adhesive, Double-coated Tape
Synthetic rubber system, 3M Proprietary, designed
for medical use
Internal Adhesive Carrier
1 mil (0.025 mm) Polyethylene
Release Liner
3.2 mil (0.08 mm) 54 lb. Bleached Kraft Paper,
2-side silicone-coated
Typical Properties
1:
Dynamic Shear Closure, Average² 210 oz/0.5 inch
2 (5.9 kg/3.2 cm2)
135 Degree Closure Peel, Aver.²
~8 oz/inch width (~230 grams/25 mm width)
Adhesion to LDPE, 180 Degree
Peel
36 oz/inch width (1.0 kg/25 mm width)
Liner Release, Maximum
40 gm/inch width (40 gm/25 mm width)
Roll Dimensions:
Roll Width, Minimum
Maximum
0.5 inches (~12.5 mm)
28 inches (71 cm)
Roll Length, Maximum
150 yds (137 m)
1 Properties listed based on limited data and subject to change.
2 Tested using 3M #7332 Gamma-stable Hook without adhesive.
Storage Conditions:
This product as supplied in original packaging, will maintain stated test properties for a
period of two years when stored at temperatures between 50-80oF (10-27oC) and a relative
humidity between 40-60 percent.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 7331

ManufacturerPart #DatasheetDescription
logo
V-COIL THREAD SYSTEM
7331 V-COIL-7331 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Keystone Electronics Co...
7331 KEYSTONE-7331 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Kimberly-Clark Worldwid...
7331 KLEENGUARD-7331 Datasheet
854Kb / 3P
Floor Stand Wiper Dispenser - Large Roll / Blue - 6154
23/07/2020
logo
Whirlpool.
7331169 WHIRLPOOL-7331169 Datasheet
1Mb / 23P
How to install, operate and maintain your Demand Controlled Water Softener
Rev B 6/13/12
7331169 WHIRLPOOL-7331169 Datasheet
1Mb / 28P
How to install, operate and maintain your Demand Controlled Water Softener
Rev. H 1/30/25
More results

Similar Description - 7331

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1538 3M-1538 Datasheet
51Kb / 2P
3MTM Medical Rayon Woven Tape
Feb-2007
1509 3M-1509 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
Jun-2013
1522 3M-1522 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
Jul-2013
7334 3M-7334 Datasheet
46Kb / 2P
3MTM Low-Profile Fastener Systems
Aug-2011
7335 3M-7335 Datasheet
48Kb / 2P
3MTM Low-Profile Fastener Systems
Aug-2011
9917 3M-9917 Datasheet
48Kb / 2P
3MTM Medical Nonwoven Tape
Aug-2013
9874 3M-9874 Datasheet
48Kb / 2P
3MTM Double Coated Medical Tape
Jun-2009
9877 3M-9877 Datasheet
48Kb / 2P
3MTM Double Coated Medical Tape
9889 3M-9889 Datasheet
49Kb / 2P
3MTM Double Coated Medical Tape
9907HTW 3M-9907HTW Datasheet
83Kb / 2P
3MTM White Nonwoven Medical Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com