Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFK1E152S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEUFK1E152S
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK1E152S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEUFK1E152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 3000 h / ø8, 105 ℃ 4000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" be tween the "( )". Lead wire pitch ✽B=5 mm, 7.5 mm.
・ Please refer to the page of “Taping dimensions”.
20.0
15.0
3300
2200
1500
1000
10.0
12.5
16.0
25.0
20.0
16.0
11.5
40.0
30.0
20.0
15.0
25.0
20.0
15.0
30.0
20.0
15.0
25.0
10
6.3
6800
4700
3900
2700
820
8200
4700
8200
6800
12000
560
5600
1800
1200
1500
5600
680
1800
18.0
12.5
16.0
12.5
12.5
16.0
18.0
18.0
8.0
8.0
10.0
8.0
10.0
12.5
12.5
2720
2640
2850
8.0
8.0
10.0
8.0
10.0
12.5
10.0
10.0
10.0
12.5
16.0
12.5
18.0
12.5
16.0
12.5
18.0
18.0
12.5
630
860
―
―
7.5
7.5
7.5
7.5
5.0
7.5
0.6
0.6
0.8
7.5
250
100
200
200
100
EEUFK1A682S( )
EEUFK1A392( )
EEUFK1A392S( )
5.0
7.5
EEUFK1A272L
EEUFK1A272( )
EEUFK1A272S( )
7.5
EEUFK1A152S( )
EEUFK1A122L( )
EEUFK1A122( )
5.0
7.5
EEUFK1A822S( )
EEUFK1A472L
EEUFK1A472S( )
EEUFK1A182( )
250
25.0
0.018
0.8
40.0
0.8
25.0
0.8
20.0
0.8
0.025 5000
5000
35.0
0.8
EEUFK1A562L
5.0
30.0
0.8
20.0
EEUFK1A682L
EEUFK1A682( )
0.026
2330
5000
0.016
2940
5000
0.014
3010
5000
0.019
2760
5000
―
7.5
7.5
2060
5.0
5.0
5000
5000
0.025 4000
0.029
0.8
0.6
0.6
12.5
0.6
25.0
0.8
EEUFK0J123S( )
7.5
3.5
3.5
5.0
EEUFK1A561( )
EEUFK1A821L( )
EEUFK1A821( )
2850
630
860
900 0.063 4000
0.062 3000
0.090
5.0
3000
0.8
35.0
0.8
EEUFK0J682L
7.5
EEUFK0J822L
EEUFK0J822( )
EEUFK0J822S( )
2760
2640
5.0
5.0
0.025 5000
0.016
2940
5000
―
3010
0.8
0.6
0.6
15.0
0.8
EEUFK0J472( )
EEUFK0J472S( )
2060
7.5
5.0
0.018
2720
5000
2280
5000
7.5
―
5000
0.022 5000
0.019 5000
0.014
0.8
20.0
0.8
20.0
0.6
25.0
0.038 5000
0.025
2140
1680
4000
0.029
1890
0.035
30.0
0.6
5000
1490
1800
4000
4000
0.033
0.6
0.6
900
1220
1240
1400
5000
11.5
3000
0.026
2330
5000
EEUFK0J182S( )
EEUFK0J152( )
5.0
1220
1240
1400
0.6
15.0
0.6
12.5
0.6
0.6
0.6
0.6
0.049 4000
0.044
0.090 3000
15.0
20.0
16.0
0.048
0.018
5.0
5.0
7.5
5.0
5.0
5.0
5.0
5.0
5.0
7.5
7.5
3.5
5.0
5.0
5.0
7.5
7.5
7.5
500
200
500
200
500
200
5.0
―
―
100
―
5.0
―
7.5
5.0
200 1000
5.0
5.0
100
250
200
EEUFK0J332L
EEUFK0J222( )
100
250
5000
5000
5.0
5.0
5.0
5.0
5.0
200
500
EEUFK0J332( )
250
100
EEUFK0J332S( )
7.5
7.5
―
100
5.0
5.0
500
EEUFK0J222L( )
5.0
4000
5000
0.6
0.6
0.6
0.6
100
0.8
0.6
EEUFK1A182L( )
16.0
0.018
0.038
0.022
0.036
0.048
0.049 4000
0.044 3000
5000
1490
1680
10.0
10.0
0.035 4000
15.0
0.033
25.0
2140
1890
1800
2280
250
0.036
5000
100
―
0.8
EEUFK0J562L
EEUFK0J562S( )
0.8
1000
0.063 4000
200
500
0.062 3000
5.0
3.5
3.5
EEUFK0J152L( )
200 1000
5.0
5.0
EEUFK0J102L( )
EEUFK0J102( )
200 1000
200
Characteristics list
Taping
Straight
leads
Min. Packaging
Q'ty (PCS)
Specification
Endu-
rance
(h)
Impe-
dance*2
(Ω)
Ripple
current*1
(mA rms)
Case size
(mm)
L
øD
Taping
✽B
Straight
Lead
dia.
(ød)
Lead length
(mm)
Part No.
Lead space
3.5
EEUFK0J681( )
5.0
5.0
100
250
100
―
100
―
200
500
100
―
100
250
100
250
500
500
200
1000
500
200 1000
200
500
200
FK series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
100
―
100
250
200
500
100
250
200
500
200
500
100
250
5.0
100
―



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com