Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFK1E152S Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUFK1E152S
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK1E152S Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFK1E152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 3000 h / ø8, 105 ℃ 4000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" be tween the "( )". Lead wire pitch ✽B=5 mm, 7.5 mm.
・ Please refer to the page of “Taping dimensions”.
3300
2200
1800
1500
820
560
25
16
5600
6800
270
390
470
4700
1000
1200
4700
680
2700
390
2200
18.0
16.0
18.0
8.0
8.0
10.0
8.0
10.0
10.0
10.0
12.5
16.0
12.5
18.0
12.5
12.5
16.0
12.5
3010
2640
2760
2850
630
860
900
1220
1240
200
EEUFK1E182( )
5.0
5.0
5000
2280
15.0
0.038
0.8
25.0
0.022
0.6
20.0
0.035
0.6
15.0
0.048
0.6
500
500
500
200
200
EEUFK1E821( )
EEUFK1E821S( )
5.0
5.0
5.0
4000
5000
5.0
5.0
5.0
4000
1490
1400
15.0
0.062
0.6
12.5
0.063
0.6
1000
500
200
200
EEUFK1E391L( )
EEUFK1E471( )
5.0
5.0
3000
4000
3.5
5.0
25.0
0.018
0.8
11.5
0.090
0.6
250
1000
100
200
EEUFK1C682S( )
EEUFK1E271( )
7.5
5.0
5000
3000
7.5
3.5
25.0
0.019
0.8
250
100
EEUFK1C562( )
40.0
0.014
0.8
20.0
0.025
0.8
―
250
100
100
EEUFK1C472L
EEUFK1C472S( )
―
7.5
7.5
5000
5000
5000
25.0
0.6
15.0
0.8
2700
3300
2280 0.022
0.036
0.018
5000
30.0
0.8
35.0
0.8
2940
2060
20.0
0.8
3900
0.016
0.026
8.0
8.0
10.0
900
860
3000
10.0
12.5
1200
20.0
16.0
8.0
10.0
820
1000
1220
1240
1490
1400
20.0
15.0
630
11.5
15.0
12.5
0.6
0.6
0.6
25.0
0.6
0.090
0.062
0.063
0.044
0.049
30.0
0.6
20.0
0.6
15.0
0.6
0.6
1680
2140
0.035
0.048
0.033
0.025
1890
1800
0.8
0.029
0.038
EEUFK1C392L
EEUFK1C392S( )
EEUFK1E182S( )
5.0
5.0
7.5
―
―
3.5
5.0
5.0
5.0
5.0
5.0
5.0
EEUFK1E102L( )
EEUFK1E122( )
5.0
5.0
5.0
5.0
EEUFK1E152L
EEUFK1E152S( )
―
EEUFK1C122( )
EEUFK1C122S( )
EEUFK1C152L( )
EEUFK1C222L
EEUFK1C222( )
EEUFK1C222S( )
EEUFK1C272( )
EEUFK1C272S( )
EEUFK1C332L
25.0
0.8
18.0
18.0
35.0
0.8
12.5
12.5
16.0
2850
5000
0.018
25.0
0.8
20.0
0.8
0.016
0.014
0.019
0.025
5000
5000
5000
5000
12.5
25.0
0.033
0.6
30.0
0.025
0.6
1890
12.5
10.0
12.5
10.0
16.0
4000
5000
20.0
0.6
4000
2140
1800
0.029
1680
7.5
5.0
5.0
7.5
5000
7.5
5.0
7.5
40.0
0.8
―
2060
2720
20.0
0.8
15.0
0.8
0.018
0.026
30.0
0.8
0.036
5000
5000
10.0
1500
4000
100
EEUFK1E332L
EEUFK1E332( )
EEUFK1E332S( )
20.0
0.044
EEUFK1E222S( )
EEUFK1E272L
0.6
16.0
0.049
0.6
2330
2940
3010
2760
2640
5000
100
100
100
100
100
18.0
12.5
16.0
7.5
7.5
7.5
5.0
7.5
5.0
―
―
7.5
7.5
7.5
EEUFK1E472S( )
EEUFK1E222L
EEUFK1E561L( )
EEUFK1E561( )
2330
5000
5000
2720
―
100
―
250
100
―
100
―
250
―
1000
200
200
100
250
500
500
200
200
―
250
100
100
500
200
―
500
200
500
1000
500
500
500
200
100
200
7.5
7.5
7.5
7.5
5000
5.0
5.0
4000
5.0
5.0
5.0
7.5
7.5
3.5
3000
200
100
100
200
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
5000
5000
5.0
5.0
5000
7.5
5.0
4000
―
5000
5.0
5.0
5.0
250
500
7.5
250
250
250
250
100
FK series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
øD
L
Specification
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
Taping
Characteristics list
Lead length
(mm)
Part No.
Lead space
Min. Packaging
Q'ty (PCS)
Straight
leads
Straight Taping
✽B
5.0
3.5
200 1000
4000
3000
4000
500
200 1000
5.0
3.5
3000
200
EEUFK1C391( )
EEUFK1C681L( )
EEUFK1C681( )
EEUFK1C821L( )
EEUFK1C102( )
200
0.6
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com