Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEUFK1E152S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEUFK1E152S
Description  Aluminum Electrolytic Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFK1E152S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEUFK1E152S Datasheet HTML 1Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 2Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 3Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 4Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 5Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 6Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 7Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 8Page - Panasonic Semiconductor EEUFK1E152S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Aluminum Electrolytic Capacitors (Radial Lead Type)
Endurance : 105 ℃ 3000 h / ø8, 105 ℃ 4000 h / ø10, 105 ℃ 5000 h / ø12.5 to ø18
*1: Ripple current (100 kHz / +105 ℃)
*2: Impedance (100 kHz / +20 ℃)
・ When requesting taped product, please put the letter "B" be tween the "( )". Lead wire pitch ✽B=5 mm, 7.5 mm.
・ Please refer to the page of “Taping dimensions”.
2200
1800
1200
1000
560
270
35
12.5
16.0
18.0
18.0
1500
3300
8.0
8.0
10.0
8.0
10.0
10.0
12.5
10.0
12.5
12.5
16.0
EEUFK1V182L
EEUFK1V182S( )
5.0
5000
900
1240
1490
1400
2280
2060
2720
2940
2330
3010
4000
4000
4000
5000
5000
5000
5000
5000
5000
30.0
0.8
EEUFK1V152L
5.0
12.5
0.018
25.0
0.8
40.0
0.8
25.0
0.8
20.0
0.8
35.0
0.8
20.0
0.8
0.025
0.019
0.014
2850
7.5
―
12.5
18.0
30.0
0.6
15.0
0.8
EEUFK1V102S( )
10.0
16.0
7.5
0.022
EEUFK1V102L
―
5.0
7.5
20.0
0.6
16.0
0.6
25.0
0.6
15.0
0.8
EEUFK1V122( )
EEUFK1V122S( )
EEUFK1V391L( )
EEUFK1V391( )
EEUFK1V561( )
EEUFK1V561S( )
EEUFK1V681L( )
EEUFK1V821( )
5.0
5.0
5.0
11.5
0.6
15.0
0.6
12.5
0.6
680
820
180
390
0.029 5000
630
1890
1680
4000
860
20.0
0.6
25.0
0.6
20.0
0.6
15.0
200 1000
200 1000
5.0
5.0
5.0
5.0
3.5
5.0
5.0
5.0
5.0
5.0
7.5
5.0
5.0
5.0
7.5
EEUFK1V271L( )
EEUFK1V271( )
EEUFK1V222L
―
―
3.5
3.5
Lead length
(mm)
Part No.
Lead space
EEUFK1V181( )
0.063
0.049
0.048
3000
5.0
0.062
0.090
3000
5.0
0.6
100
―
100
250
100
―
100
250
100
250
100
250
2640
5000
5000
7.5
7.5
7.5
7.5
2760
EEUFK1V222( )
EEUFK1V222S( )
EEUFK1V332S( )
500
100
250
100
―
1800
5000
2140
4000
7.5
100
―
100
250
200
500
200 1000
200
500
200
500
200
500
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Dec-19
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
1220
3000
0.018 5000
7.5
7.5
0.026
0.016
0.036
0.038
0.025
0.033
0.035
0.044
200
500
200
500
5.0
200
FK series
Rated
voltage
(V)
Capacitance
(±20 %)
(μF)
Case size
(mm)
Specification
øD
Straight Taping
✽B
L
Ripple
current*1
(mA rms)
Impe-
dance*2
(Ω)
Endu-
rance
(h)
Lead
dia.
(ød)
Characteristics list
Min. Packaging
Q'ty (PCS)
Straight
leads
Taping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com