Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP4 Datasheet(PDF) 1 Page - 3M Electronics

Part # NP4
Description  Packing List Envelopes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

NP4 Datasheet(HTML) 1 Page - 3M Electronics

  NP4 Datasheet HTML 1Page - 3M Electronics NP4 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Packing List Envelopes
F1, FED1, NP1, NP2, NP3, NP4, NP5, NP6, NP9, NPZ
T1, T1-INV, T1-PL, T2, T3, T4, and Custom-Printed PLEs
Product Description
3M™ Packing List Envelopes are an oil-resistant and water-resistant polyethylene
envelope for packing slips, invoices, cards, and other shipping documents. This
packet has pre-sealed edges, is loaded from the back, and has a synthetic rubber
adhesive on the back that is covered by an easily removed paper liner. These
envelopes work well in situations where the shipping orders are generated in an
office area and later applied to the proper package in the shipping area.
Typical Physical
Properties
Technical Data
November, 2006
Note: The following technical information and data should be considered representative
or typical only, and should not be used for specification purposes.
ASTM Test Method
Thickness:
Top Sheet:
2 mil
D-3652
Total:
5 mil
D-3652
Liner:
42#
Construction
Backing
Adhesive
Liner
Colors
Standard Print
Polyethylene film
Synthetic
White or natural
Clear
Black letters on
rubber resin
Kraft paper
red background
Features
• Back slit opening in standard offering.
• F – fully printed front, “PACKING LIST/
INVOICE ENCLOSED”.
• FED – no print, perforated.
• NP – no print.
• T – top printed, “PACKING LIST/
INVOICE ENCLOSED”.
• T1-INV – top printed, “INVOICE
ENCLOSED”.
• T1-PL – top printed, “PACKING LIST
ENCLOSED”.
• Z – zipper.
• Portable.
• Immediate adhesion.
• Consistent dimensions.
• Custom printing available.
• Holds papers securely to package.
• Protects papers from water and
oil splashes.
• Easy to apply to packages.
• No need for dispenser.
• Eliminates need to stock separate
inventories.
• Can serve as interim holder for
papers to be attached to shipping
container.


Similar Part No. - NP4

ManufacturerPart #DatasheetDescription
logo
Pro-Power
NP4 PROPOWER-NP4 Datasheet
292Kb / 1P
Cable Cleat - PK25
V1.0 11/09/12
logo
LUMEL S.A.
NP40 LUMEL-NP40 Datasheet
2Mb / 8P
portable power quality analyzer
NP40-000M0 LUMEL-NP40-000M0 Datasheet
2Mb / 8P
portable power quality analyzer
NP40-000M1 LUMEL-NP40-000M1 Datasheet
2Mb / 8P
portable power quality analyzer
NP40-000MX LUMEL-NP40-000MX Datasheet
2Mb / 8P
portable power quality analyzer
More results

Similar Description - NP4

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C3640L MUSIC-MU9C3640L Datasheet
185Kb / 22P
LIST-XL Family
logo
Murata Manufacturing Co...
DE1E3KX472MA5BA01 MURATA-DE1E3KX472MA5BA01 Datasheet
46Kb / 1P
Packing in bulk
logo
Littelfuse
K1500GRP LITTELFUSE-K1500GRP Datasheet
306Kb / 8P
Packing Options
logo
List of Unclassifed Man...
HRM-554S ETC2-HRM-554S Datasheet
443Kb / 12P
Converter adapter list
logo
Amphenol Corporation
G09-12X2-30XX-LF AMPHENOL-G09-12X2-30XX-LF Datasheet
427Kb / 4P
packing per amta packing specification pks-0001
G88MPBXX0X2XXEU AMPHENOL-G88MPBXX0X2XXEU Datasheet
2Mb / 5P
packing per amta packing specification pks-0001
G881HXX21C3HR AMPHENOL-G881HXX21C3HR Datasheet
973Kb / 3P
packing per amta packing specification pks-0001
GSB411BXYZHR AMPHENOL-GSB411BXYZHR Datasheet
759Kb / 2P
packing per amta packing specification pks-0001
GSB4121XYZCHR AMPHENOL-GSB4121XYZCHR Datasheet
991Kb / 2P
packing per amta packing specification pks-0001
GSB4164X5XHR AMPHENOL-GSB4164X5XHR Datasheet
1Mb / 3P
packing per amta packing specification pks-0001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com