Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H3V3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 15Page - STMicroelectronics L6986H3V3 Datasheet HTML 16Page - STMicroelectronics L6986H3V3 Datasheet HTML 17Page - STMicroelectronics L6986H3V3 Datasheet HTML 18Page - STMicroelectronics L6986H3V3 Datasheet HTML 19Page - STMicroelectronics L6986H3V3 Datasheet HTML 20Page - STMicroelectronics L6986H3V3 Datasheet HTML 21Page - STMicroelectronics L6986H3V3 Datasheet HTML 22Page - STMicroelectronics L6986H3V3 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
Figure 13. VOUT = 3.3 V line regulation
-0.10%
-0.05%
0.00%
0.05%
0.10%
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38
VIN [V]
4.6
Output voltage load regulation
Figure 14. VOUT = 3.3 V load regulation shows negligible output voltage variation (normalized to the value
measured at IOUT = 0 A) over the entire output current range for the L6986H with VOUT = 3.3 V, measured on the
L6986H evaluation board (see Section 6.7 Application board).
Figure 14. VOUT = 3.3 V load regulation
-0.10%
-0.05%
0.00%
0.05%
0.10%
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
IOUT[A]
4.7
High-side switch resistance vs. input voltage
Figure 15. Normalized RDS(on),HS variation shows the high-side switch RDS(on) variation over the entire input
voltage operating range normalized at the value measured at VIN = 12 V (see Section 3 Electrical
characteristics).
L6986H
Output voltage load regulation
DS12905 - Rev 2
page 19/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com