Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H3V3 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 25Page - STMicroelectronics L6986H3V3 Datasheet HTML 26Page - STMicroelectronics L6986H3V3 Datasheet HTML 27Page - STMicroelectronics L6986H3V3 Datasheet HTML 28Page - STMicroelectronics L6986H3V3 Datasheet HTML 29Page - STMicroelectronics L6986H3V3 Datasheet HTML 30Page - STMicroelectronics L6986H3V3 Datasheet HTML 31Page - STMicroelectronics L6986H3V3 Datasheet HTML 32Page - STMicroelectronics L6986H3V3 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
4.9
Switchover feature
The switchover maximizes the efficiency at the light-load that is crucial for LCM applications.
The switchover operation features to derive the main contribution of the supply current for the internal circuitry
from an external voltage (3 V < VBIAS < 5.5 V is typically connected to the regulated output voltage). This helps to
decrease the equivalent quiescent current seen at VIN.
In case the regulator output voltage is not compatible with the VBIAS input voltage range, it is possible to use an
auxiliary voltage source for the switchover operation. The external auxiliary voltage source must always respect
the condition 3 V < VAUX < 5.5 V, and must be derived from the L6986H power supply (VIN - pin 15) for proper
power sequencing of the internal circuits.
4.9.1
LCM
The LCM operation satisfies the high efficiency requirements of the battery powered applications.
In case the VBIAS pin is connected to the regulated output voltage (VOUT), the total current drawn from the input
voltage can be calculated as: IQVIN=IQOPVIN+ 1ηL6986H⋅VBIASVIN⋅IQOPVBIAS
(14)
where IQ OP VIN, IQ OP VBIAS are defined in Table 5. Electrical characteristics and ηL6986H is the efficiency of the
conversion in the working point.
4.9.2
LNM
is also valid when the device works in LNM and it can increase the efficiency at the medium load since the
regulator always operates in the continuous conduction mode.
4.10
Overcurrent protection
The current protection circuitry features a constant current protection, so the device limits the maximum peak
current (see Table 5. Electrical characteristics) in overcurrent condition.
The L6986H device implements a pulse by pulse current sensing on both power elements (high-side and low-side
switches) for effective current protection over the duty cycle range. The high-side current sensing is called “peak”
the low-side sensing “valley”.
The internal noise generated during the switching activity makes the current sensing circuitry ineffective for a
minimum conduction time of the power element. This time is called “masking time” because the information from
the analog circuitry is masked by the logic to prevent an erroneous detection of the overcurrent event. As a
consequence, the peak current protection is disabled for a masking time after the high-side switch is turned on,
the valley for a masking time after the low-side switch is turned on. In other words, the peak current protection can
be ineffective at extremely low duty cycles, the valley current protection at extremely high duty cycles.
The L6986H device assures an effective overcurrent protection sensing the current flowing in both power
elements. In case one of the two current sensing circuitry is ineffective because of the masking time, the device is
protected sensing the current on the opposite switch. Thus, the combination of the “peak” and “valley” current
limits assures the effectiveness of the overcurrent protection even in extreme duty cycle conditions.
The valley current threshold is designed higher than the peak to guarantee a proper operation. In case the current
diverges because of the high-side masking time, the low-side power element is turned on until the switch current
level drops below the valley current sense threshold. The low-side operation is able to prevent the high-side turn
on, so the device can skip pulses decreasing the switching frequency.
L6986H
Switchover feature
DS12905 - Rev 2
page 29/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com