Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H3V3 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6986H3V3
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6986H3V3 Datasheet HTML 35Page - STMicroelectronics L6986H3V3 Datasheet HTML 36Page - STMicroelectronics L6986H3V3 Datasheet HTML 37Page - STMicroelectronics L6986H3V3 Datasheet HTML 38Page - STMicroelectronics L6986H3V3 Datasheet HTML 39Page - STMicroelectronics L6986H3V3 Datasheet HTML 40Page - STMicroelectronics L6986H3V3 Datasheet HTML 41Page - STMicroelectronics L6986H3V3 Datasheet HTML 42Page - STMicroelectronics L6986H3V3 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
5.5
Compensation network design
The maximum bandwidth of the system can be designed up to fSW/6 up to 150 kHz maximum to guarantee a valid
small signal model.
RC=2⋅π⋅BW⋅COUT⋅VOUT
0.85V⋅gCS⋅gm TYP
(33)
where:
fPOLE= ωp2⋅π
(34)
ωp is defined by , gCS represents the current sense transconductance (see Table 1) and gm TYP the error
amplifier transconductance.
CC= 5
2⋅π⋅RC⋅BW
(35)
Example 2:
Considering VIN = 12 V, VOUT = 3.3 V, L = 6.8 µH, COUT = 10 µF, fSW = 500 kHz, IOUT = 1 A.
The maximum system bandwidth is 80 kHz. Assuming to design the compensation network to achieve a system
bandwidth of 70 kHz:
fPOLE=2.7 kHz
(36)
RLOAD=VOUTIOUT=3.3Ω
(37)
so accordingly with Eq. (33) and Eq. (35):
RC=48.5kΩ≈47kΩ
(38)
CC=237pF≈270pF
(39)
The gain and phase bode diagrams are plotted respectively in Figure 40. Magnitude plot for example 2 and
Figure 41. Phase plot for example 2.
Figure 40. Magnitude plot for example 2
L6986H
Compensation network design
DS12905 - Rev 2
page 39/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com