Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVPASAC1A Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EVPASAC1A
Description  6 mm Square Long Travel 2 terminals SMD Light Touch Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPASAC1A Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EVPASAC1A Datasheet HTML 1Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 2Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 3Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 4Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 5Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 6Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 7Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 8Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Light Touch Switches/EVPAS
A
B
Circuit diagram
PWB land pattern for reference
(4.0)
Knob
8.0±0.1
7.0±0.3
φ4.6
6.0
4.0±0.1
AB
■ Dimensions in mm (not to scale)
Part Numbers
Operating Force
Travel
Height
Push Plate Color
Operating Life
EVPASCB1A
2.2 N
1.0 mm
5.0 mm
Black
EVPASDB1A
2.5 N
1.0 mm
5.0 mm
Black
EVPASAC1A
1.6 N
1.3 mm
5.0 mm
Black
EVPASBC1A
2.0 N
1.3 mm
5.0 mm
Black
EVPASDC1A
2.5 N
1.3 mm
5.0 mm
Black
EVPASJC1A
3.5 N
1.3 mm
5.0 mm
Black
EVPAS
(Embossed Taping)
EVPASKC1A
3.0 N
1.3 mm
5.0 mm
Black
100,000 cycles
100,000 cycles
100,000 cycles
100,000 cycles
100,000 cycles
100,000 cycles
200,000 cycles
General dimension tolerance : ± 0.2
( )dimensions are reference dimensions.
ANCTB38E 201912
© Panasonic Corporation 2020
ー 2 ー



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com