Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVPASAC1A Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EVPASAC1A
Description  6 mm Square Long Travel 2 terminals SMD Light Touch Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPASAC1A Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EVPASAC1A Datasheet HTML 1Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 2Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 3Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 4Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 5Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 6Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 7Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 8Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Light Touch Switches/EVPAS
180
260
MAX.
150
230
90±30
40±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
Part No.
Height
AB
W
F
E
P1
P2
P0
D0 Dia.
t1
t2
EVPAS
5.0
6.8±0.2
7.7±0.2
12.0±0.3
5.5±0.1 1.75±0.10 8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.4±0.1 5.25±0.20
Unit: mm
–0
■ Recommended Reflow Soldering Conditions
P2 P0
P1
t2
t1
φD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
● Embossed Carrier Taping
Taping condition : Lack of products in the middle of taping should be
one MAX, but total quantity specified in the
specifications should be secured.
Peeling off strength of top tape : It should be within 0.2N to 1.0N at
165 degree in peeling off angle.
Joint of carrier tape : One joint per one reel may exist.
ANCTB38E 201912
© Panasonic Corporation 2020
ー 4 ー



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com