Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVPASAC1A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVPASAC1A
Description  6 mm Square Long Travel 2 terminals SMD Light Touch Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPASAC1A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVPASAC1A Datasheet HTML 1Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 2Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 3Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 4Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 5Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 6Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 7Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 8Page - Panasonic Semiconductor EVPASAC1A Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ANCTB38E 201912
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
© Panasonic Corporation 2020
Light Touch Switches/EVPAS
1
2
3
4
567
8
9
■ Specifications
Type
Snap action/Push-on type SPST
Electrical
Rating
10 μA 2 V DC to 50 mA 12 V DC (Resistive load)
Contact Resistance
100 mΩ max.
Insulation Resistance
100 MΩ min. (at 100 V DC)
Dielectric Withstanding Voltage
250 V AC for 1 minute
Bouncing
Type
Operating Force
Standard type
Narrow tolerance
operating force type
10 ms max. (ON, OFF)
Mechanical
Travel
1.3 mm±0.2 mm
1.6 N±0.5 N
2.0 N±0.6 N
2.5 N±0.6 N
3.0 N±0.8 N
3.5 N±1.0 N
2.2 N±0.6 N
2.5 N±0.6 N
3.0 N±0.6 N
3.6 N±0.8 N
1.0 mm±0.2 mm
Endurance
Operating Life
1.6 N, 2.0 N, 2.2 N, 2.5 N type: 100,000 cycles min.
3.0 N type: 200,000 cycles min.
3.5 N type: 100,000 cycles min.
3.0 N, 3.6 N with Narrow tolerance type: 300,000 cycles min.
4.0 N with Narrow tolerance type: 200,000 cycles min.
Operating Temperature
–40 °C to +90 °C
Storage Temperature
–40 °C to +90 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
2,000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
10,000 pcs.
■ Features
● External dimensions : 6.0 mm×6.1 mm, Height 5.0 mm
(Including the push plate)
● Steady and low contact resistance (100 mΩ max.)
● Excellent solderability (J-bent-type terminals)
6 mm Square Long Travel 2 terminals
SMD Light Touch Switches
Type:
EVPAS
■ Explanation of Part Numbers(Standard specification only)
■ Recommended Applications
● Operating switches for car electronic equipments.
● Inputonoperatingswitchesfortelephones,electronic
musical instruments, etc.
Product Code
Type
Operating Force
・Travel
Push Plate Color
・Product Height
4.0 N±0.85 N
ー 1 ー


Similar Part No. - EVPASAC1A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA002K PANASONIC-EVPAA002K Datasheet
146Kb / 8P
LIGHT TOUCH SWITCH
EVPAA002K PANASONIC-EVPAA002K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
EVPAA002K PANASONIC-EVPAA002K Datasheet
79Kb / 3P
External dimensions 3.5 mm2.9 mm, Height 1.7 mm
EVPAA102K PANASONIC-EVPAA102K Datasheet
78Kb / 4P
3.5 mm2.9 mm SMD Light Touch Switches
EVPAA102K PANASONIC-EVPAA102K Datasheet
79Kb / 3P
External dimensions 3.5 mm2.9 mm, Height 1.7 mm
More results

Similar Description - EVPASAC1A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAD PANASONIC-EVPAD Datasheet
72Kb / 2P
10 mm Square Center Space Long Travel SMD Light Touch Switches
EVQPV PANASONIC-EVQPV Datasheet
106Kb / 2P
6 mm Square Long Travel 2R Light Touch Switches
EVQ-P1F05M PANASONIC-EVQ-P1F05M Datasheet
76Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQ-P1905M PANASONIC-EVQ-P1905M Datasheet
77Kb / 3P
6 mm Square Long Travel SMD Light Touch Switches
EVQP0N02B PANASONIC-EVQP0N02B Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches Overstroke travel
EVQ-Q2U03W PANASONIC-EVQ-Q2U03W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2K02W PANASONIC-EVQ-Q2K02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-Q2S02W PANASONIC-EVQ-Q2S02W Datasheet
101Kb / 4P
6 mm Square Thin Type SMD Light Touch Switches
EVQ-QJJ05Q PANASONIC-EVQ-QJJ05Q Datasheet
70Kb / 2P
8 mm Square Long Travel 2R Light Touch Switches
EVPBD6C1A000 PANASONIC-EVPBD6C1A000 Datasheet
323Kb / 8P
6 mm Square Middle Travel 2 terminals SMD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com