Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVT30 Datasheet(PDF) 4 Page - 3M Electronics

Part # FVT30
Description  3M™ Durable Tire Label Material FVT30
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FVT30 Datasheet(HTML) 4 Page - 3M Electronics

  FVT30 Datasheet HTML 1Page - 3M Electronics FVT30 Datasheet HTML 2Page - 3M Electronics FVT30 Datasheet HTML 3Page - 3M Electronics FVT30 Datasheet HTML 4Page - 3M Electronics FVT30 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Family Group
ISO Statement
3M™ Durable Tire Label Material FVT30
Converting
• Use Talc powder or cornstarch on the edges of the rolls if they become too tacky.
• Pattern coating of the adhesive is available and recommended for improved processability. For details concerning pattern coating, please contact your local 3M
Sales Representive.
• Die cutting/matrix stripping of this material could lead to problems with excessive ooze and is not recommended. The preferred method of converting is butt cutting.
No matter the cutting method used, be sure to utilize loose winding during both press and rewind operations.
Storage and Shelf Life
• Important – Do not store the material banded. Break the steel banking on the pallet upon receipt.
• Do not store the material double stacked.
• Store in a cool area if possible during summer months.
• It is best not to ship over a weekend in summer months. Try to specify a ship date that will get the material directly to you during the week.
• Rolls with excessive edge bleed are most likely to be found on the top layer directly under the wooden pallet top. These rolls can be salvaged by rewinding on a table
top rewinder and then using Talc powder on the edges. This should be done as soon as possible.
• Recommended storage conditions are 72°F (22°C) and 50% relative humidity.
To obtain best performance, use this product within 6 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.
References
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=FVT30
FVT30
FVT36
Facestock
Soft White Vinyl TC2
Soft White Vinyl TC2
Facestock Thickness
(mm)
0.089
0.089
Adhesive
G1120 Tire 30
G1120 Tire 36
Liner
50# SC Remoist – 20 1.4
50# SC Remoist – 20 1.4
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com